Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8505-S Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # ACT8505-S
Description  ACT8505 Radiation Hardened 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8505-S Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button ACT8505-S Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8505-S Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8505-S Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8505-S Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8505-S Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8505-S Datasheet HTML 8Page - Aeroflex Circuit Technology ACT8505-S Datasheet HTML 9Page - Aeroflex Circuit Technology ACT8505-S Datasheet HTML 10Page - Aeroflex Circuit Technology ACT8505-S Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Aeroflex Circuit Technology
SCD8505 REV A 10/26/01 Plainview NY (516) 694-6700
0.8V
Enable Line
4V
OUTPUT
tONEN
tOFFEN
Definition of
tOFFA
tOFFA
0V
OUTPUT
0.8V
4V
tONA
Definition of
tONA
0V
12V MIN
OUTPUT
0.8V
4V
Address Lines
Definition of tONEN and tOFFEN
0V
Address Lines
50%
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com