Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0216005.MXESPP Datasheet(PDF) 1 Page - Littelfuse

Part # 0216005.MXESPP
Description  Axial Lead Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0216005.MXESPP Datasheet(HTML) 1 Page - Littelfuse

  0216005.MXESPP Datasheet HTML 1Page - Littelfuse 0216005.MXESPP Datasheet HTML 2Page - Littelfuse 0216005.MXESPP Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead Fuses
216SP Series
5×20 mm > Fast-Acting > 216SP Series
Please refer to www.littelfuse.com/series/216SP.html for current information.
216SP Series, 5x20 mm, Fast Acting Fuse
Features
Electrical Characteristics for Series
Applications
5x20mm fast acting ceramic body cartridge fuse Designed
to IEC specification
Used as supplementary protection in appliance or
utilization equipment to provide individual protection for
components or internal circuits.
PS
E
Description
I2t test at 10x rated current
Electrical Characteristic Specifications by Item
Amp
Code
Amp
Rating
Voltage
Rating
Interrupting
Rating
Nominal
Resistance
Cold Ohms
(Ohms)
Nominal
Melting I2t
(A2 sec)
Maximum
Voltage Drop at
Rated Current
(mV)
Maximum Power
Dissipation at
Rated Current
(W)
Agency Approvals
PS
E
001
1
250
1500 A @
250 VAC
0.2370
0.18000
1000
2.5
x
x
x
x
x
x
x
01.6
1.6
250
0.1112
1.00500
600
4
x
x
x
x
x
x
x
002
2
250
0.0764
1.87000
500
4
x
x
x
x
x
x
x
02.5
2.5
250
0.0584
2.69500
400
4
x
x
x
x
x
x
x
3.15
3.15
250
0.0368
6.70000
350
4
x
x
x
x
x
x
x
004
4
250
0.0247
14.99500
300
4
x
x
x
x
x
x
x
005
5
250
0.0183
27.46000
250
4
x
x
x
x
x
x
x
06.3
6.3
250
0.0137
56.43000
200
4
x
x
x
x
x
x
x
008
8
250
0.0123
64.31500
200
4
x
x
x
x
x
010
10
250
0.0079
154.34000
200
4
x
x
x
x
x
• Designedto
International (IEC)
Standards for use
globally
• MeetstheIEC
60127-2,Sheet1
specification for
Fast-Acting Fuses.
• RoHScompliantand
Pb-free
Agency Approvals
Agency
Agency File Number
Ampere Range
PS
E
Certificate No.
Leaded
NBK080205-E10480B
NBK250702-E10480F
1A – 5A
6.3A – 10A
Certificate No.
CQC10012049970
1A – 10A
Certificate No.
SU05001-11001A
SU05001-11002A
1A – 2.5A
3.15A – 6.3A
Recognised
File No.
Guide No.
E10480
JDYX2
1A – 10A
File No.
Acc. Class No.
029862
LR1422-30
1A – 10A
Licence. No.
40013834
1 – 6.3A
1A – 10A
% of Ampere
Rating
Ampere Rating
Opening Time
210%
1A – 4A
30minutes,Maximum
5A – 6.3A
30minutes,Maximum
8A – 10A
30minutes,Maximum
275%
1A – 4A
0.01sec..,Min.;2sec.Max.
5A – 6.3A
0.01sec..,Min.;3sec.Max.
8A – 10A
0.04sec.,Min.;20sec.Max.
400%
1A – 4A
.003sec.,Min.;0.3sec.Max.
5A – 6.3A
.003sec.,Min.;0.3sec.Max.
8A – 10A
.01sec..,Min.;1.0sec.Max.
1000%
1A – 4A
.02seconds,Maximum
5A – 6.3A
.02seconds,Maximum
8A – 10A
.03sec.onds,Maximum
Revised: January 19, 2012


Similar Part No. - 0216005.MXESPP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0216005.MXEP LITTELFUSE-0216005.MXEP Datasheet
344Kb / 4P
216 Series, 5 x 20 mm, Fast-Acting Fuse
More results

Similar Description - 0216005.MXESPP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
505 LITTELFUSE-505 Datasheet
176Kb / 3P
Axial Lead & Cartridge Fuses
208 LITTELFUSE-208 Datasheet
190Kb / 4P
Axial Lead & Cartridge Fuses
209 LITTELFUSE-209 Datasheet
454Kb / 4P
Axial Lead & Cartridge Fuses
215SP LITTELFUSE-215SP Datasheet
211Kb / 3P
Axial Lead Fuses
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0314030.MXP LITTELFUSE-0314030.MXP Datasheet
197Kb / 3P
Axial Lead & Cartridge Fuses
507 LITTELFUSE-507 Datasheet
573Kb / 3P
Axial Lead & Cartridge Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com