Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8602 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT8602
Description  Radiation Hardened 50 Watt Power Supply Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8602 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT8602 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8602 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8602 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8602 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8602 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A
A
Aeroflex Circuit Technology
SCD861X REV 2 5/16/00 Plainview NY (516) 694-6700
3
Table 1 – Performance Specifications
(TC = -55
°C to +85°C, VIN = +50V DC ±5%, CL = 0, Unless otherwise specified)
Parameter
ACT8601
ACT8602
ACT8603
ACT8604
ACT8605
Units
Nominal Output Voltage
+5
+12
+15
-12
-15
Volts
Regulation, No Load to Full Load
0.1
0.05
0.05
0.05
0.05
Volts, Maximum
Stability, Over Operating Temperature
0.1
0.05
0.05
0.05
0.05
Volts, Maximum
Regulation, Over Line Voltage
0.05
0.025
0.025
0.025
0.025
Volts, Maximum
Ripple
50
25
25
25
25
mVolts RMS,
Maximum
Output Overvoltage Shutdown
+5.5
+13.2
+16.5
-13.2
-16.5
Volts, Maximum
Efficency, at Full Load
85
88
88
88
88
%, Minimum
Output Current
10
4.2
3.3
4.2
3.3
Amperes, Maximum
Output Current Limit
12
5454
Amperes, Maximum
Output Voltage Accuracy
±2
%
Output Power
50
W, Maximum
Input Voltage
40
Volts, Minimum
Input Voltage
60
Volts, Maximum
Input Voltage, Transient
100
Volts, Maximum
for 1 second
Input EMI
Complies with MIL-STD-461C
Input Undervoltage Threshold
38.5
Volts, Maximum
Input Current, at Full Load
1.5
Amperes, Maximum
Input Current, at No Load
0.15
Amperes, Maximum
Input Current, Shutdown Asserted
20
mAmperes, Maximum
Input Output Isolation
10M
Ω at 250V Minimum
Switching Frequency
200
KHz, Nominal
Transient Response
50% load change, 5% Maximum deviation, returns to regulation band
in 1msec.
Overshoot
At Turn On, Turn Off and Power Failure: None
Output Short Circuit Duration
Will Withstand continious short without damage
Radiation, Total Dose
100
KRad (Si),
Maximum
Radiation, SEE/SEB
20
MeV/cm2/mg,
Maximum
Thermal Shutdown, Case
85°C
Minimum
Operating Temperature, Case
-55°C to +85°C
Storage Temperature
-65°C to +125°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com