Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8505-C Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # ACT8505-C
Description  ACT8505 Radiation Hardened 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8505-C Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  ACT8505-C Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8505-C Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8505-C Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8505-C Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8505-C Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8505-C Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8505-C Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8505-C Datasheet HTML 8Page - Aeroflex Circuit Technology ACT8505-C Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Aeroflex Circuit Technology
SCD8505 REV A 10/26/01 Plainview NY (516) 694-6700
Absolute Maximum Ratings 1/
Parameter
Range
Units
Case Operating Temperature Range
-55 to +125
°C
Storage Temperature Range
-55 to +150
°C
Supply Voltage
+VCC (Pin 44)
-VEE (Pin 46)
VREF (Pin 48)
+20
-20
+20
V
V
V
Digital Input Overvoltage
VEN (Pins 5, 6, 91, 92), VA (Pins 93, 95, 1, 3), VC (Pins 2, 4)
< VR +4
> GND -4
V
V
Analog Input Over Voltage
VS
±18
V
Notes:
1/ All measurements are made with respect to ground.
NOTICE: Stresses above those listed under "Absolute Maximums Rating" may cause permanent damage to the device. These are stress rating
only; functional operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation
Conditions" may effect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Typical
Units
+VCC
+15V Power Supply Voltage
+15.0
V
-VEE
-15V Power Supply Voltage
-15.0
V
VREF
Reference Voltage
+5.00
V
VAL
Logic Low Level
+0.8
V
VAH
Logic High Level
+4.0
V
DC Electrical Performance Characteristics 1/
(Tc = -55°C to +125°C, +VEE = +15V, -VEE = -15V, VREF = +5.0V, Unless otherwise specified)
Parameter
Symbol
Conditions
Min
Max
Units
Supply Current
I+
VEN(0-63) = VA(0-3)A = VA(0-1)C = 0
.25
2.5
mA
I-
VEN(0-63) = VA(0-3)A = VA(0-1)C = 0
-2.5
-.25
mA
+ISBY
VEN(0-63) = 4V, VA(0-3)A = VA(0-1)C = 0 6/
0.25
2.5
mA
-ISBY
VEN(0-63) = 4V, VA(0-3)A = VA(0-1)C = 0 6/-2.5
0.25
mA
Address Input Current
IAL(0-3)A
VA = 0V 1/-4
4
µA
IAH(0-3)A
VA = 5V 1/-4
4
µA
IAL(0-1)C
VA = 0V 1/-1
1
µA
IAH(0-1)C
VA = 5V 1/-1
1
µA
Enable Input Current
IENL(0-15)
VEN(0-15) = 0V
-1
1
µA
IENH(0-15)
VEN(0-15) = 5V
-1
1
µA
IENL(16-31)
VEN(16-31) = 0V
-1
1
µA
IENH(16-31)
VEN(16-31) = 5V
-1
1
µA
IENL(32-47),(MUXMON)
VEN(32-47), VEN(MUXMON) = 0V
-2
2
µA
IENH(32-47),(MUXMON)
VEN(32-47), VEN(MUXMON) = 5V
-2
2
µA
IENL(48-63)
VEN(48-63) = 0V
-1
1
µA
IENH(48-63)
VEN(48-63) = 5V
-1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com