Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2P02E Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMDF2P02E
Description  DUAL TMOS MOSFET 2.5 AMPERES 25 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2P02E Datasheet(HTML) 3 Page - Motorola, Inc

  MMDF2P02E Datasheet HTML 1Page - Motorola, Inc MMDF2P02E Datasheet HTML 2Page - Motorola, Inc MMDF2P02E Datasheet HTML 3Page - Motorola, Inc MMDF2P02E Datasheet HTML 4Page - Motorola, Inc MMDF2P02E Datasheet HTML 5Page - Motorola, Inc MMDF2P02E Datasheet HTML 6Page - Motorola, Inc MMDF2P02E Datasheet HTML 7Page - Motorola, Inc MMDF2P02E Datasheet HTML 8Page - Motorola, Inc MMDF2P02E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMDF2P02E
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On–Resistance versus
Gate–to–Source Voltage
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
Figure 6. Drain–to–Source Leakage Current
versus Voltage
3.5 V
10 V
0
0
0.4
0.8
1.2
1.6
2
0
2
3
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
3
4
5
10
0.3
0.4
0.6
0.1
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
ID, DRAIN CURRENT (AMPS)
1
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
0.2
6
8
– 50
0
50
100
150
4
1
0
3.3 V
TJ = 25°C
VGS = 10
2
3
4
1
2.5
3
3.5
4
4.5
0.1
0.4
0.5
0.6
0.3
0.2
0
0.5
1
1.5
2
0
100
10
0
4
8
12
20
0.5
1.0
1.5
2.0
VGS = 10 V
ID = 2 A
125
75
25
– 25
VDS ≥ 10 V
25
°C
100
°C
TJ = –55°C
VGS = 4.5
TJ = 25°C
9
7
0.5
ID = 1 A
TJ = 25°C
16
3.7 V
3.9 V
4.1 V
4.3 V
4.5 V
5 V
4.7 V
7 V
VGS = 0 V
TJ = 125°C
100
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com