Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8612 Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT8612
Description  Radiation Hardened 50 Watt Power Supply Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8612 Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT8612 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8612 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8612 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8612 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8612 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
A
A
Aeroflex Circuit Technology
SCD861X REV 2 5/16/00 Plainview NY (516) 694-6700
5
Ordering Information
Model Number
Output Voltage
ACT 8611
+5V
ACT 8612
+12V
ACT 8613
+15V
ACT 8614
-12V
ACT 8615
-15V
CIRCUIT TECHN OL OGY
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
Specifications subject to change without notice
www.aeroflex.com/act1.htm
E-Mail: sales-act@aeroflex.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com