Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF512K8 Datasheet(PDF) 21 Page - Aeroflex Circuit Technology

Part # ACTF512K8
Description  ACT-F512K8 High Speed 4 Megabit Monolithic FLASH
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACTF512K8 Datasheet(HTML) 21 Page - Aeroflex Circuit Technology

Back Button ACTF512K8 Datasheet HTML 13Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 14Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 15Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 16Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 17Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 18Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 19Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 20Page - Aeroflex Circuit Technology ACTF512K8 Datasheet HTML 21Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Aeroflex Circuit Technology
SCD1668 REV A 4/28/98 Plainview NY (516) 694-6700
21
Ordering Information
Model Number
DESC Drawing Number
Speed
Package
ACT–F512K8N–150F6Q
5962-9669201HUC*
150 ns
Flat Pack
ACT–F512K8N–120F6Q
5962-9669202HUC*
120 ns
Flat Pack
ACT–F512K8N–090F6Q
5962-9669203HUC*
90 ns
Flat Pack
ACT–F512K8N–070F6Q
5962-9669204HUC*
70 ns
Flat Pack
ACT–F512K8N–060F6Q
5962-9669205HUC*
60ns
Flat Pack
ACT–F512K8N–150F7Q
5962-9669201HTC*
150 ns
Flat Pack (Formed)
ACT–F512K8N–120F7Q
5962-9669202HTC*
120 ns
Flat Pack (Formed)
ACT–F512K8N–090F7Q
5962-9669203HTC*
90 ns
Flat Pack (Formed)
ACT–F512K8N–070F7Q
5962-9669204HTC*
70 ns
Flat Pack (Formed)
ACT–F512K8N–060F7Q
5962-9669205HTC*
60ns
Flat Pack (Formed)
ACT–F512K8N–150P4Q
5962-9669201HXC*
150 ns
DIP Pack
ACT–F512K8N–120P4Q
5962-9669202HXC*
120 ns
DIP Pack
ACT–F512K8N–090P4Q
5962-9669203HXC*
90 ns
DIP Pack
ACT–F512K8N–070P4Q
5962-9669204HXC*
70 ns
DIP Pack
ACT–F512K8N–060P4Q
5962-9669205HXC*
60ns
DIP Pack
* Pending
CIRCUIT TECHNOLOGY
Part Number Breakdown
ACT– F 512K 8 N– 090 F6 Q
Aeroflex Circuit
Technology
Memory Type
F = FLASH EEPROM
Memory Depth
Options
Memory Width, Bits
N = None
Memory Speed, ns
Package Type & Size
Surface Mount Packages
Thru-Hole Packages
F6 = .82" x .40" 32 Lead FP Unformed
P4 = 32 Pin DIP
F7 = .82" x .40" 32 Lead FP Formed
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
M = Military Temp, -55°C to +125°C, Screening
*
Q = MIL-PRF-38534 Compliant / SMD
Screening
* Screened to the individual test methods of MIL-STD-883
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11830
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800) 843-1553
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com