Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF2P02HD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MMDF2P02HD
Description  DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF2P02HD Datasheet(HTML) 3 Page - Motorola, Inc

  MMDF2P02HD Datasheet HTML 1Page - Motorola, Inc MMDF2P02HD Datasheet HTML 2Page - Motorola, Inc MMDF2P02HD Datasheet HTML 3Page - Motorola, Inc MMDF2P02HD Datasheet HTML 4Page - Motorola, Inc MMDF2P02HD Datasheet HTML 5Page - Motorola, Inc MMDF2P02HD Datasheet HTML 6Page - Motorola, Inc MMDF2P02HD Datasheet HTML 7Page - Motorola, Inc MMDF2P02HD Datasheet HTML 8Page - Motorola, Inc MMDF2P02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMDF2P02HD
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
0
0
2
4
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
2
4
10
0.6
0.04
Figure 3. On–Resistance versus
Gate–To–Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
1
100
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On–Resistance Variation with
Temperature
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 6. Drain–To–Source Leakage Current
versus Voltage
VDS ≥ 10 V
100
°C
25
°C
TJ = – 55°C
0.4
6
8
– 50
0
50
100
150
3
1
1
2
4
3
1.0
1.5
2.0
3.5
0.2
0.20
0.08
0
1.0
2.0
3.0
4.0
0.6
10
0
5
10
15
VGS = 10 V
ID = 2 A
1.4
20
0
0.16
0.12
2.5
3.0
ID = 1 A
TJ = 25°C
TJ = 25°C
0.5
1.5
2.5
3.5
10 V
VGS = 4.5 V
– 25
25
75
125
0.8
1.6
1.2
VGS = 0 V
TJ = 125°C
100
°C
1.0
3.7 V
3.1 V
2.7 V
2.9 V
3.3 V
3.5 V
4.5 V
3.9 V
TJ = 25°C
2.5 V
VGS = 10 V
0
0.2
0.4
0.6
0.8
1.4
1
1.2
1.6
1.8
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com