Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE7014-6 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7014-6
Description  6 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7014-6 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7014-6 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7014-6 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7014-6 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/6db-fixed-n-female-n-male-5-watts-attenuator-pe7014-6-p.aspx
6 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink Black Anodized Body Rated To 5 Watts Up To 18 GHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
6 dB Fixed Attenuator, N Male To N Female Aluminum Heatsink
Black Anodized Body Rated To 5 Watts Up To 18 GHz
PE7014-6
PE7014-6 REV



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com