Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARX4417-LPFP Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # ARX4417-LPFP
Description  ARX 4418 & 4417 Variable Amplitude Transceivers for MACAIR A3818, A5690, A5232, A4905 & MIL-STD-1553
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ARX4417-LPFP Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  ARX4417-LPFP Datasheet HTML 1Page - Aeroflex Circuit Technology ARX4417-LPFP Datasheet HTML 2Page - Aeroflex Circuit Technology ARX4417-LPFP Datasheet HTML 3Page - Aeroflex Circuit Technology ARX4417-LPFP Datasheet HTML 4Page - Aeroflex Circuit Technology ARX4417-LPFP Datasheet HTML 5Page - Aeroflex Circuit Technology ARX4417-LPFP Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Aeroflex Circuit Technology
SCD4418 REV B 10/18/99 Plainview NY (516) 694-6700
6
Configurations and Ordering Information
Model No.
DESC No.
Receiver Data level
Case
Specs.
ARX 4418
5962-9208503HXX
Normally Low
Plug In
1553 & Macair
ARX 4418-FP
5962-9208503HYX
Normally Low
Flat Pack
1553 & Macair
ARX 4418-LPFP
5962-TBD
Normally Low
Low Profile Flat Pack
1553 & Macair
ARX 4417
5962-TBD
Normally High
Plug In
1553
ARX 4417-FP
5962-TBD
Normally High
Flat Pack
1553
ARX 4417-LPFP
5962-TBD
Normally High
Low Profile Flat Pack
1553
Specifications subject to change without notice.
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: 1-(800)THE-1553
1.27
MAX
24
1
13
12
FLAT PACKAGE
1.10
0.175
MAX
0.24
MIN
0.018 DIA.
±0.002
0.10 Typ
±0.002
1.27
0.080
±0.015
0.009
±0.002
Notes
1. Dimensions shown are in inches.
2. Pins are equally spaced at 0.100±0.002 tolerance, non-cumulative, each row.
1.27 MAX
1.10
1.27 MAX
0.017
0.400
MAX
2 sides
PLUG-IN PACKAGE
0.100
0.167 for Low Profile Flat Pack
0.200 for Std Flat Pack
Designator
Pin 1 & ESD
CIRCUIT TECHNOLOGY
Pin Function
1
TX DATA OUT
2
TX DATA OUT
3
TX GND (+5)
4
+15V (TX)
5
EXT. DATA THRES
6
INT. DATA THRES
7
RX DATA OUT
8
STROBE
9
RX GND (+5V)
10 RXDATA OUT
11 INT DATA THRES
12 EXT DATA THRES
13 +15V (RX)
14 AMP CONTROL
15 RX DATA IN
16 RX DATA IN
17 GND
18 CASE GND
19 -15V (RX)
20 +5V
21 TX INHIBIT
22 TX DATA IN
23 TX DATA IN
24 -15V(TX)
MAX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com