Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARX5001 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ARX5001
Description  ARX5001 & ARX5002 ARX LOW NOISE DC VOLTAGE REGULATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ARX5001 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ARX5001 Datasheet HTML 1Page - Aeroflex Circuit Technology ARX5001 Datasheet HTML 2Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multichip Modules For The Future
Table 1 – Electrical Characteristics
Part Number
(Nominal Voltage)
ARX5002
( +15V )
ARX5001
( +5V )
Parameter
Conditions
(unless otherwise noted)
TA = -55°C to +125°C
Min
Nom
Max
Min
Nom
Max
Units
Input Voltage
Maximum load current
18
-
23
8
-
15
VDC
No load current
-
-
30
-
-
30
VDC
Output Voltage
Maximum load current
14.85
15.00
15.15
4.95
5.00
5.05
VDC
Load Current
Minimum Input voltage
-
-
1.8
-
-
1.8
ADC
Line Regulation
Delta input voltage = 3V
Maximum load current
-
20
50
-
1
10
mVDC
Load Regulation
Full load to no load current
-
-
100
-
35
50
mVDC
Short Circuit Trip Current
Minimum Input voltage
2
-
3.5
2
-
3.5
ADC
Short Circuit Foldback Current
Minimum Input voltage
0.10
0.20
0.40
0.10
0.20
0.30
ADC
Ripple Rejection
0 < f < 150kHz, IL = 900 mA
40
-
-
40
-
-
dB
Output Spot Noise
TA= + 25 °C, VIN = minimum
10 kHz, IL = 900 mA
-
-
40
-
-
30
NV/ Hz
Notes: 1. Maximum power dissipation is limited to 10 Watts at 125°C case temperature
2. Custom voltage and short circuit trip current settings are available on special order
Circuit Technology
35 South Service Road
Plainview N.Y. 11803
Tele: (516) 694-6700
Fax: (516) 694-6715
Ordering Information
VIN
Vout
ARX5001/
ARX5002
1
2
3
CIN
COUT1
COUT2
Tantalum
5-10
µF
Ceramic
0.1
µF
Ceramic
1
µF
GND
Recomended Wiring Diagram
ARX5001 +5 Volts
ARX5002 +15 Volts
6/23/95
Specifications subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com