Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3003ITD1033TP Datasheet(PDF) 1 Page - Touchstone Semiconductor Inc

Part # TS3003ITD1033TP
Description  A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3003ITD1033TP Datasheet(HTML) 1 Page - Touchstone Semiconductor Inc

  TS3003ITD1033TP Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3003ITD1033TP Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3003ITD1033TP Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3003ITD1033TP Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3003ITD1033TP Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3003ITD1033TP Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3003ITD1033TP Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3003ITD1033TP Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3003ITD1033TP Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS3003
Page 1
© 2013 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
 Ultra Low Supply Current: 1.9
μA at 25kHz
 Supply Voltage Operation: 1.55V to 5.25V
 Single Resistor Sets FOUT at 50% Duty Cycle
 Programmable FOUT Period:
10kHz
≤ FOUT ≤ 300kHz
 FOUT Period Accuracy: 3%
 FOUT Period Drift: 0.02%/ºC
 Single Resistor Sets Output Frequency
 Separate PWM Control and Buffered Output
 FOUT/PWMOUT Output Driver Resistance:
160Ω
APPLICATIONS
Portable and Battery-Powered Equipment
Low-Parts-Count Nanopower Oscillator
Compact Micropower Replacement for Crystal and
Ceramic Oscillators
Micropower Pulse-width Modulation Control
Micropower Pulse-position Modulation Control
Micropower Clock Generation
Micropower Sequential Timing
DESCRIPTION
The TS3003 is a single-supply, second-generation
Touchstone Semi oscillator/timer fully specified to
operate at a supply voltage range of 1.55V to 5.25V
while
consuming
less
than
2.4
μA(max) supply
current. Requiring only a resistor to set the base
output frequency (or output period) at 25kHz (or
40µs)
with
a
50%
duty
cycle,
the
TS3003
timer/oscillator is compact, easy-to-use, and versatile.
Optimized
for
ultra-long
life,
low
frequency,
battery-powered/portable applications,
TS3003 joins
the TS3001, TS3002, TS3004, and TS3006 in
Touchstone’s CMOS timer family in its “NanoWatt
Analog™”
series
of
high-performance
analog
integrated circuits.
The TS3003 output frequency can be user-adjusted
from 10kHz to 300kHz with a single resistor. In
addition, the TS3003 represents a 25% reduction in
pcb area and a factor-of-10 lower power consumption
over
other
CMOS-based
integrated
circuit
oscillators/timers. When compared against industry-
standard 555-timer-based products, the
TS3003
offers up to 84% reduction in pcb area and over three
orders of magnitude lower power consumption.
The TS3003 is fully specified over the -40°C to +85°C
temperature range and is available in a low-profile,
10-pin 3x3mm TDFN package with an exposed
back-side paddle.
A 1.55V to 5.25V, 10kHz to 300kHz Silicon Timer
TYPICAL APPLICATION CIRCUIT
The Touchstone Semiconductor logo
and “NanoWatt Analog” are
registered trademarks of Touchstone Semiconductor, Incorporated.


Similar Part No. - TS3003ITD1033TP

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
TS3003ITD1033T SILABS-TS3003ITD1033T Datasheet
1Mb / 11P
Single Resistor Sets Output Frequency
More results

Similar Description - TS3003ITD1033TP

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX1H EUROQUARTZ-CX1H Datasheet
290Kb / 2P
Frequency Range 10kHz to 600kHz
CX1HSM EUROQUARTZ-CX1HSM Datasheet
306Kb / 2P
Frequency Range 10kHz to 600kHz
CX1V EUROQUARTZ-CX1V Datasheet
280Kb / 2P
Frequency Range 10kHz to 600kHz
CX1VSM EUROQUARTZ-CX1VSM Datasheet
296Kb / 2P
Frequency Range 10kHz to 600kHz
logo
Touchstone Semiconducto...
TS3004 TOUCHSTONE-TS3004 Datasheet
835Kb / 11P
A 1.55V to 5.25V, 1.9uA, 3.3us to 233s Silicon Timer
TS3005 TOUCHSTONE-TS3005 Datasheet
820Kb / 11P
A 1.55V to 5.25V, 1.35uA, 1.7ms to 33hrs Silicon Timer
TS3006 TOUCHSTONE-TS3006 Datasheet
641Kb / 9P
A 1.55V to 5.25V, 1.9uA, 9kHz to 300kHz Silicon Timer
TS3005DB TOUCHSTONE-TS3005DB Datasheet
346Kb / 4P
A 1.55V to 5.25V, 1.35關A, 1.7ms to 33hrs Silicon Timer
TS3003DB TOUCHSTONE-TS3003DB Datasheet
332Kb / 4P
A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
TS3006DB TOUCHSTONE-TS3006DB Datasheet
305Kb / 3P
A 1.55V to 5.25V, 1.9A, 9kHz to 300kHz Silicon Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com