Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3200Z Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF3200Z
Description  DUAL TMOS POWER MOSFET 11.5 AMPERES 20 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF3200Z Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF3200Z Datasheet HTML 1Page - Motorola, Inc MMDF3200Z Datasheet HTML 2Page - Motorola, Inc MMDF3200Z Datasheet HTML 3Page - Motorola, Inc MMDF3200Z Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Product Preview
Medium Power Surface Mount Products
TMOS Dual N-Channel
Field Effect Transistors
WaveFET
™ devices are an advanced series of power MOSFETs which utilize Motorola’s
latest MOSFET technology process to achieve the lowest possible on–resistance per silicon
area. They are capable of withstanding high energy in the avalanche and commutation
modes and the drain–to–source diode has a very low reverse recovery time. WaveFET
™
devices are designed for use in low voltage, high speed switching applications where power
efficiency is important. Typical applications are dc–dc converters, and power management
in portable and battery powered products such as computers, printers, cellular and cordless
phones. They can also be used for low voltage motor controls in mass storage products
such as disk drives and tape drives. The avalanche energy is specified to eliminate the
guesswork in designs where inductive loads are switched and offer additional safety margin
against unexpected voltage transients.
• Zener Protected Gates Provide Electrostatic
Discharge Protection
• Designed to withstand 200 V Machine Model
and 2000 V Human Body Model
• Low RDS(on) Provides Higher Efficiency and
Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by
Logic ICs
• Miniature SO–8 Surface Mount Package —
Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Max
Unit
Drain–to–Source Voltage
VDSS
20
V
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
V
Gate–to–Source Voltage — Continuous
VGS
± 12
V
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
DEVICE MARKING
ORDERING INFORMATION
D3200
Device
Reel Size
Tape Width
Quantity
D3200
MMDF3200Z
13
″
12 mm embossed tape
4000 units
This document contains information on a product under development. Motorola reserves the right to change or discontinue this product without notice.
HDTMOS is a trademark of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MMDF3200Z/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1997
N1–Source
TOP VIEW
N1–Gate
N2–Source
N2–Gate
N1–Drain
N1–Drain
N2–Drain
N2–Drain
CASE 751–06, Style 11
SO–8
MMDF3200Z
DUAL TMOS
POWER MOSFET
11.5 AMPERES
20 VOLTS
RDS(on) = 0.015 OHM
Motorola Preferred Device
™
N1–SOURCE
N1–GATE
8
N1–DRAIN
7
2
1
N2–SOURCE
N2–GATE
6
N2–DRAIN
5
4
3
1
2
3
4
8
7
6
5
REV 1


Similar Part No. - MMDF3200Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
More results

Similar Description - MMDF3200Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2P02HD MOTOROLA-MMDF2P02HD Datasheet
257Kb / 10P
DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
MMDF3N02HD MOTOROLA-MMDF3N02HD Datasheet
297Kb / 10P
DUAL TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF5N02Z MOTOROLA-MMDF5N02Z Datasheet
186Kb / 10P
DUAL TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
MMSF3205 MOTOROLA-MMSF3205 Datasheet
106Kb / 6P
SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS
MMSF4N01HD MOTOROLA-MMSF4N01HD Datasheet
285Kb / 10P
TMOS MOSFET 5.8 AMPERES 20 VOLTS
MMSF5N02HD MOTOROLA-MMSF5N02HD Datasheet
293Kb / 10P
SINGLE TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com