Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1775 Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # CT1775
Description  CT1775 Universal MacAir/1553 Dumb RTU Hybrid
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1775 Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

  CT1775 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 6 page
background image
9
SCDCT1775 Rev B
PIN FUNCTION AND LOADING TABLE
PIN
#
NAME
IIH
(µA)
IIL
(mA)
IOH
(mA)
IOL
(mA)
DESCRIPTION
1
GND
Power supply and logic return.
2+5V OSC/
CLOCK POWER
+5V Power for oscillator and clock driver.
3
NC
No connection.
4
TX INHIBIT
20
-0.4
A LOW on this input inhibits the transmitter.
5
SYNC SELECT
20
-0.4
A LOW on this input results in a transmitted DATA sync. A
HIGH on this input results in a transmitted COMMAND
(or STATUS) sync.
6
SERIAL DATA OUT
-0.4
4.0
Received serial data in NRZ format is available at this
output when TAKE DATA is LOW.
7
ESC OUT
-0.4
4.0
LOW to HIGH transitions on this output when SEND
DATA is HIGH causes the transmit cycle data shifting to
occur.
8
NC
No connection.
9COMM / DATA SYNC
-.36
3.6
A LOW on this output indicates receipt of a DATA word. A
HIGH indicates receipt of a COMMAND (or STATUS)
word.
10
MRST
40
-0.8
A LOW on this input (1 µsec minimum) resets the
decoderto its initialized condition (same function as DEC
RST), resets FAIL-SAFE, and stops and clears the transmit
cycle. This function interrupts and overridesall
othercontrols.
11
VALID WORD
-0.4
4.0
A LOW on this output indicates receipt of a valid word.
12
BIT STATUS
-0.4
4.0
A LOW on this output, during wrap around self test only,
indicates that the last word decoded was identical to the last
word encoded.
13
LATCH DATA 1
20
-0.4
A HIGH on this input causes parallel tri-state I/O data on
D8 through D15 to appear at the output of the first rank
transmit register. A LOW locks out the register inputs.
14
VAL CMD WD
-0.4
4.0
A LOW on this output indicates the receipt of a valid
command word.
15
BDCST INH
20
-0.4
A LOW on this input inhibits the indication of the
BROADCAST output flag.
16
TMADD1*
20
-0.4
Part of 5 bit hard-wired terminal address input.
17
TMADD3*
20
-0.4
Part of 5 bit herd-wired terminal address input.
18
XTAL
A 12 MHz parallel resonant crystal is connected between
this input and ground.
19
CLOCK OUT
-1.0
1.0
Output of oscillator and clock driver (see text).
20
TAKE DATA
-0.4
4.0
A LOW on this output indicates that received data is being
shifted into the first rank register and is available at
SERIAL DATA OUT. A LOW to HIGH transition transfers
the contents of the first rank receiver register to the second
rank register.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com