Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1775 Datasheet(PDF) 10 Page - Aeroflex Circuit Technology

Part # CT1775
Description  CT1775 Universal MacAir/1553 Dumb RTU Hybrid
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1775 Datasheet(HTML) 10 Page - Aeroflex Circuit Technology

  CT1775 Datasheet HTML 1Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 2Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 3Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 4Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 5Page - Aeroflex Circuit Technology CT1775 Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 6 page
background image
10
SCDCT1775 Rev B
21
DEC RST
20
-0.4
A LOW on this input (1 µsec minimum) resets the
decoderto its initialized state, resets COMM/DATA SYNC
to a LOW, and resets VALID WORD to a HIGH.
22
DSC OUT
-0.4
4.0
LOW to HIGH transitions on this output when TAKE
DATA is LOW causes causes receive cycle data shifting to
occur.
23
SEND DATA
-0.4
4.0
A HIGH on this output indicates that transmit cycle data
shifting is occuring.
24
CLOCK IN
±1
±.001
12 MHz clock input (20pF load) (see text).
25
S/T SELECT
20
-0.4
A HIGH on this input enables offline wraparound
selftest.The transceiver is disabled and the encoder output
is connected to the decoder input (see text).
26
FAIL-SAFE
-0.4
4.0
A HIGH on this output indicates that a transmitted message
has exceeded 768 µsec, and that transmission has been
terminated. FAIL-SAFE is reset by either FIT ENABLE or
MRST.
27
RT ENABLE
-0.4
4.0
A HIGH on this output indicates receipt of a valid
COMMAND word containing the correct 5 bit terminal
address plus address parity. FAIL-SAFE is reset when FIT
ENABLE goes HIGH.
28
MODE CODE
-0.4
4.0
A LOW on this output indicates the reception of a valid
COMMAND word whose sub-address field contains all
ONES or all ZEROES.
29
LATCH DATA 2
20
-0.4
A HIGH on this input causes parallel tri-state I/O data on
D0 through D7 to appear at the output of the first rank
transmit register. A LOW locks out the register inputs.
30
ENCENABLE
20
-0.4
A LOW on this input causes the transmit cycle to start at
the next HIGH to LOW transition of ESC OUT
31
BROADCAST
-0.4
4.0
A HIGH on this output indicates reception of a valid
COMMAND word whose address field contains all ONES,
if BDCST INH is HIGH.
32
TMADD0*
20
-0.4
LSB of 5-bit hard-wired terminal address input.
33
TMADD2*
20
-0.4
Part of 5-bit hard-wired terminal address input.
34
TMADD4*
20
-0.4
MSB of 5-bit hard-wired terminal address input.
35
TMADDP
20
-0.4
Parity bit of hard-wired terminal address. Hard-wired for
odd parity.
36
CHAN SELECT
100
-2.0
A LOW on this input enables DATA SELECT 1, DATA
SELECT 2, LATCH DATA 1, LATCH DATA 2, and ENC
ENABLE inputs.
37
ODD PARITY
-0.36
3.6
A HIGH on this output indicates a valid check for odd
parity of terminal address plus parity bits, if ENA PAR
CHECK is a LOW.
38
D15
20
-0.2
-12
12
MSB of 16 bit parallel tri-state I/O.
PIN FUNCTION AND LOADING TABLE (con’t)
PIN
#
NAME
IIH
(µA)
IIL
(mA)
IOH
(mA)
IOL
(mA)
DESCRIPTION



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com