Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT19901 Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # CT19901
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT19901 Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button CT19901 Datasheet HTML 9Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 10Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 11Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 12Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 13Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 14Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 15Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 16Page - Aeroflex Circuit Technology CT19901 Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Aeroflex Circuit Technology
SCDCT1990 REV B 8/21/00 Plainview NY (516) 694-6700
13
RT/BC
INPUT
Remote Terminal/Bus Control - This line when high causes the ASIC to
function as a remote terminal. When low the ASIC functions as a bus controller
or passive monitor.
DBCACC
INPUT
Dynamic Bus Control Accept - This line should be permanently tied low if a
subsystem is able to accept control of the bus if offered.
LTFAIL
OUTPUT
Loop Test Fail - This line goes low if any error in the transmitted waveform is
detected or if any parity error in the hardwired RT address is detected.
ERROR
OUTPUT
Error - This line latches low if a Manchester or parity error is detected. It is
reset by the next CMSYNC (RT mode) and also by RTO in the BC mode.
RTO
OUTPUT
Reply Time Out - This signal will pulse low whenever the reply time for a
transmitting terminal has been exceeded. This line is intended for the bus
controller use.
TXTO
OUTPUT
Transmitter Time Out - This line goes true if the transmitter time out limits are
exceeded.
PARER
OUTPUT
Parity Error - This line will pulse low if a parity error is detected by the
decoder.
MANER
OUTPUT
Manchester Error - This line will pulse low if a Manchester error is detected by
the decoder.
DBCREQ
OUTPUT
Dynamic Bus Control Request - This line will pulse low when the status reply
for a mode code Dynamic Bus Control has finished where the accept bit was
set.
VALD
OUTPUT
Valid Data - This line will pulse low when a valid data word is received.
DRVINH
INPUT
Driver Inhibit - Selects on-line or off-line testing during automated self test.
When high self test is on-line. Must be high when LTEN is high. CT1991 only.
LTEN
INPUT
Loop Test Enable - Enables automated self-test when low. Normally high.
CT1991 only.
LTTRIG
INPUT
Loop Test Trigger - When pulsed low while LTEN is low automated self-test is
initiated. LTEN pulse width should be 100ns < PW < 5µs. CT1991 only.
Pin Description (Cont.)
Signal
Direction
Signal Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com