Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT1995 Datasheet(PDF) 13 Page - Aeroflex Circuit Technology

Part # CT1995
Description  MIL-STD-1553B Remote Terminal, Bus Controller, or Passive Monitor Hybrid with Status Word Control
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT1995 Datasheet(HTML) 13 Page - Aeroflex Circuit Technology

Back Button CT1995 Datasheet HTML 9Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 10Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 11Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 12Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 13Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 14Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 15Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 16Page - Aeroflex Circuit Technology CT1995 Datasheet HTML 17Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Aeroflex Circuit Technology
SCDCT1995 REV A 11/21/01 Plainview NY (516) 694-6700
13
1553B
BUS "B"
1553B
BUS "A"
ACT4453
Driver/
Receiver 1
ACT4453
Driver/
Receiver 0
TX DATA OUT
RX DATA IN
TX DATA OUT
RX DATA IN
XFR0
XFR1
+
+
TX DATA OUT
RX DATA IN
TX DATA OUT
RX DATA IN
RX DATA OUT
TX DATA IN
TX DATA IN
RX DATA OUT
RX DATA OUT
TX DATA IN
TX DATA IN
RX DATA OUT
TX INHIBIT "1"
CT1995
RX DATA 0
RX DATA 0
TX DATA
TX DATA
TX INHIBIT "0"
TX INHIBIT "1"
TX INHIBIT "0"
Figure 5 – Example of an Interface between the CT1995 and Driver/Receiver
1MHz
NRZ
Manchester
Figure 4 – Data Encoding
Data
Bi-Phase
Clock
(+) -
(0) -
(+) -
(0) -
(+) -
(0) -
(-) -
One Bit Time
RX DATA 1
RX DATA 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com