Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-RS128K32N-035P1M Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT-RS128K32N-035P1M
Description  RAD Tolerant ACT-RS128K32 High Speed 4 Megabit SRAM Multichip Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-RS128K32N-035P1M Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT-RS128K32N-035P1M Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1M Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1M Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1M Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1M Datasheet HTML 5Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1M Datasheet HTML 6Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1M Datasheet HTML 7Page - Aeroflex Circuit Technology ACT-RS128K32N-035P1M Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Aeroflex Circuit Technology ACT-RS128K32
SCD3659 REV 3
12/17/98 Plainview NY (516) 694-6700
3
Standby Current
ISB
CE = VIH, OE = VIH,
f = 5 MHz, VCC = Max,
CMOS Compatible
30
30
mA
Output Low Voltage
VOL
IOL = 8 mA, VCC = Min
0.4
0.4
V
Output High Voltage
VOH
IOH = -4.0 mA, VCC = Min
2.4
2.4
V
AC Characteristics
(VCC = 5.0V, VSS = 0V, TC = -55°C to +125°C)
Read Cycle
Parameter
Sym
–035
Min Max
–045
Min Max
Units
Read Cycle Time
tRC
35
45
ns
Address Access Time
tAA
35
45
ns
Chip Enable Access Time
tACE
35
45
ns
Chip Enable to Output in Low Z*
tCLZ
3
3
ns
Output Enable to Output in Low Z*
tOLZ
0
0
ns
Chip Deselect to Output in High Z*
tCHZ
20
20
ns
Output Disable to Output in High Z*
tOHZ
10
15
ns
* Parameters guaranteed by design but not tested
Write Cycle
Parameter
Sym
–035
Min Max
–045
Min Max
Units
Write Cycle Time
tWC
35
45
ns
Chip Enable to End of Write
tCW
25
35
ns
Address Valid to End of Write
tAW
25
35
ns
Data Valid to End of Write
tDW
18
20
ns
Write Pulse Width
tWP
25
35
ns
Address Setup Time
tAS
0
0
ns
Write to Output in High Z *
tWHZ
10
15
ns
Data Hold from Write Time
tDH
0
0
ns
Address Hold Time
tAH
0
0
ns
* Parameters guaranteed by design but not tested
Data Retention Electrical Characteristics (Special Order Only)
(TC = -55°C to +125°C)
Parameter
Sym
Test Conditions
All Speeds
Min
Max
Units
VCC for Data Retention
VDR
CE
≥ V
CC – 0.2V
2
5.5
V
Data Retention Current
ICCDR1
VCC = 3V, 35 & 45ns
4
mA
DC Characteristics (Continued)
(4.5Vdc< VCC < 5.5Vdc, VSS = 0V, TC = -55°C to +125°C, Unless otherwise specified)
Parameter
Sym
Conditions
–035
Min
Max
–045
Min
Max
Units



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com