Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3207 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMDF3207
Description  DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF3207 Datasheet(HTML) 2 Page - Motorola, Inc

  MMDF3207 Datasheet HTML 1Page - Motorola, Inc MMDF3207 Datasheet HTML 2Page - Motorola, Inc MMDF3207 Datasheet HTML 3Page - Motorola, Inc MMDF3207 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMDF3207
2
Motorola TMOS Power MOSFET Transistor Device Data
MAXIMUM RATINGS (TJ = 25°C unless otherwise specified)
Characteristics
Symbol
Maximum
Unit
Drain–to–Source Voltage
Drain–to–Gate Voltage (RGS = 1.0 MW)
Gate–to–Source Voltage — Continuous
VDSS
VDGR
VGS
20
12
±12
V
1 Inch Square @
10 seconds on
FR–4 or G–10 PCB
Thermal Resistance — Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 70°C
Drain Current — Pulsed Drain Current (1)
RTHJA
PD
ID
ID
IDM
62.5
2.0
16
7.8
5.7
40
°C/W
Watts
mW/
°C
A
A
A
1 Inch Square @
Steady State on
FR–4 or G–10 PCB
Thermal Resistance — Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 70°C
Drain Current — Pulsed Drain Current (1)
RTHJA
PD
ID
ID
IDM
98
1.28
10.2
6.2
4.6
35
°C/W
Watts
mW/
°C
A
A
A
Minimum Pad @
Steady State on
FR–4 or G–10 PCB
Thermal Resistance — Junction to Ambient
Total Power Dissipation @ TA = 25°C
Linear Derating Factor
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 70°C
Drain Current — Pulsed Drain Current (1)
RTHJA
PD
ID
ID
IDM
166
0.75
6.0
4.8
3.5
30
°C/W
Watts
mW/
°C
A
A
A
Operating and Storage Temperature Range
TJ, Tstg
–55 to 150
°C
(1) Repetitive rating; pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com