Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2512 Datasheet(PDF) 14 Page - Aeroflex Circuit Technology

Part # CT2512
Description  CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2512 Datasheet(HTML) 14 Page - Aeroflex Circuit Technology

Back Button CT2512 Datasheet HTML 9Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 10Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 11Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 12Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 13Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 14Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 15Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 16Page - Aeroflex Circuit Technology CT2512 Datasheet HTML 17Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Aeroflex Circuit Technology
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
14
21
60
22
61
23
62
24
63
25
64
26
65
27
66
28
67
29
68
30
69
31
70
32
71
33
72
34
73
35
74
36
75
37
76
38
77
39
78
40
1
41
2
42
3
43
4
44
5
45
6
46
7
47
8
48
9
49
10
50
11
51
12
52
13
53
14
54
15
55
16
56
17
57
18
58
19
59
20
A10
A9
A8
A7
A6
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
DB15
+5V
BRO ENA
GND
ADDRE
ADDRD
ADDRC
ADDRB
ADDRA
ADDRP
RTADERR
TXDATA B
TXDATA B
-15V B
+15V B
+5V B
GND B
RXDATA B
RXDATA B
A3
A2
A1
A0
DTGRT
DTACK
INCMD
A4
HSFAIL
R/W
DISTR
GBR
A5(DAT/CMD)
12MHz IN
RTFAIL
BUF ENA
DTREQ
RESET
ADBC
RTFLAG
TP2
TP1
A11(T/R)
BUSY
ILLCMD
SSFLAG
SRQ
ME
BITEN
RXDATA A
RXDATA A
GND A
+5V
+15V
-15V
TXDATA A
TXDATA A
STATEN
NBGT
CT2512 Pin Out Description (DDIP)
Pin
#
Function
Pin
#
Function
1
A10
40
NBGT
2A8
41
A9
3A6
42
A7
4DB1
43
DB0
5DB3
44
DB2
6DB5
45
DB4
7DB7
46
DB6
8DB9
47
DB8
9
DB11
48
DB10
10
DB13
49
DB12
11
DB15
50
DB14
12
BRO ENA
51
+5V
13
ADDRE
52
GND
14
ADDRC
53
ADDRD
15
ADDRA
54
ADDRB
16
RTADERR
55
ADDRP
17
TXDATA B
56
TXDATA B
18
+15V B
57
-15V B
19
GND B
58
+5V B
20
RXDATA B
59
RXDATA B
21
A3
60
A2
22
A1
61
A0
23
DTGRT
62
DTACK
24
INCMD
63
A4
25
HSFAIL
64
R/W
26
DTSTR
65
GBR
27
A5 (DAT/CMD)
66
12MHz IN
28
RTFAIL
67
BUF ENA
29
DTREQ
68
RESET
30
ADBC
69
RTFLAG
31
TP2 (NC)
70
TP1 (NC)
32
A11 (T/R)71
BUSY
33
ILLCMD
72
SSFLAG
34
SRQ
73
ME
35
BITEN
74
RXDATA A
36
RXDATA A
75
GND A
37
+5V A
76
+15V A
38
-15V A
77
TXDATA A
39
TXDATA A
78
STATEN
CT2512
MIL-STD-1553B
REMOTE TERMINAL
PROTOCOL UNIT
Figure 12 – DDIP Pin Connection Diagram, CT2512 and Pinout Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com