Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9467
Description  16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 4 Page - Analog Devices

  AD9467 Datasheet HTML 1Page - Analog Devices AD9467 Datasheet HTML 2Page - Analog Devices AD9467 Datasheet HTML 3Page - Analog Devices AD9467 Datasheet HTML 4Page - Analog Devices AD9467 Datasheet HTML 5Page - Analog Devices AD9467 Datasheet HTML 6Page - Analog Devices AD9467 Datasheet HTML 7Page - Analog Devices AD9467 Datasheet HTML 8Page - Analog Devices AD9467 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9467
Data Sheet
Rev. D | Page 4 of 32
AC SPECIFICATIONS
AVDD1 = 1.8 V, AVDD2 = 3.3 V, AVDD3 = 1.8 V, DRVDD = 1.8 V, specified maximum sampling rate, 2.5 V p-p differential input,
1.25 V internal reference, AIN = −1.0 dBFS, DCS on, default SPI settings, unless otherwise noted.
Table 2.
AD9467BCPZ-200
AD9467BCPZ-250
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Unit
ANALOG INPUT FULL SCALE
2.5
2/2.5
2.5
2/2.5
V p-p
SIGNAL-TO-NOISE RATIO (SNR)
fIN = 5 MHz
25°C
74.6/76.4
74.7/76.4
dBFS
fIN = 97 MHz
25°C
75.1
74.5/76.2
74.5/76.1
dBFS
fIN = 97 MHz
Full
73.8
dBFS
fIN = 140 MHz
25°C
74.3/76.0
74.4/76.0
dBFS
fIN = 170 MHz
25°C
74.2/75.8
74.7
74.3/75.8
dBFS
fIN = 170 MHz
Full
72.3
dBFS
fIN = 210 MHz
25°C
73.9/75.5
74.0/75.5
dBFS
fIN = 300 MHz
25°C
73.5/74.7
73.3/74.6
dBFS
SIGNAL-TO-NOISE AND DISTORTION RATIO (SINAD)
fIN = 5 MHz
25°C
74.6/76.3
74.6/76.3
dBFS
fIN = 97 MHz
25°C
74.7
74.5/76.2
74.4/76.0
dBFS
fIN = 97 MHz
Full
73.1
dBFS
fIN = 140 MHz
25°C
74.3/75.9
74.4/76.0
dBFS
fIN = 170 MHz
25°C
74.1/75.6
74.4
74.2/75.8
dBFS
fIN = 170 MHz
Full
71.8
dBFS
fIN = 210 MHz
25°C
73.9/75.3
73.9/75.4
dBFS
fIN = 300 MHz
25°C
73.3/74.3
73.1/74.4
dBFS
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 5 MHz
25°C
12.1/12.4
12.1/12.4
Bits
fIN = 97 MHz
25°C
12.1/12.4
12.1/12.3
Bits
fIN = 97 MHz
Full
Bits
fIN = 140 MHz
25°C
12.1/12.3
12.1/12.3
Bits
fIN = 170 MHz
25°C
12.0/12.3
12.0/12.3
Bits
fIN = 170 MHz
Full
Bits
fIN = 210 MHz
25°C
12.0/12.2
12.0/12.2
Bits
fIN = 300 MHz
25°C
11.9/12.0
11.9/12.1
Bits
SPURIOUS-FREE DYNAMIC RANGE (SFDR) (INCLUDING
SECOND AND THIRD HARMONIC DISTORTION)2
fIN = 5 MHz
25°C
95/95
98/97
dBFS
fIN = 97 MHz
25°C
86
95/95
95/93
dBFS
fIN = 97 MHz
Full
83
dBFS
fIN = 140 MHz
25°C
94/93
94/95
dBFS
fIN = 170 MHz
25°C
95/90
84
93/92
dBFS
fIN = 170 MHz
Full
84
dBFS
fIN = 210 MHz
25°C
93/88
93/92
dBFS
fIN = 300 MHz
25°C
92/86
93/90
dBFS
SPURIOUS-FREE DYNAMIC RANGE (SFDR) (INCLUDING SECOND
AND THIRD HARMONIC DISTORTION)2
fIN = 5 MHz @ −2 dB Full Scale
Full
100/96
100/100
dBFS
fIN = 97 MHz @ −2 dB Full Scale
Full
100/98
97/97
dBFS
fIN = 140 MHz @ −2 dB Full Scale
Full
98/96
100/95
dBFS
fIN = 170 MHz @ −2 dB Full Scale
Full
96/93
100/100
dBFS
fIN = 210 MHz @ −2 dB Full Scale
Full
94/93
93/93
dBFS
fIN = 300 MHz @ −2 dB Full Scale
Full
90/89
90/90
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com