Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL5811 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL5811
Description  60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL5811 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL5811 Datasheet HTML 5Page - Diodes Incorporated AL5811 Datasheet HTML 6Page - Diodes Incorporated AL5811 Datasheet HTML 7Page - Diodes Incorporated AL5811 Datasheet HTML 8Page - Diodes Incorporated AL5811 Datasheet HTML 9Page - Diodes Incorporated AL5811 Datasheet HTML 10Page - Diodes Incorporated AL5811 Datasheet HTML 11Page - Diodes Incorporated AL5811 Datasheet HTML 12Page - Diodes Incorporated AL5811 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AL5811
Document number: DS35255 Rev. 1 - 2
11 of 13
www.diodes.com
January 2013
© Diodes Incorporated
AL5811
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
(1) MSOP-8EP
(2) U-DFN3030-6
Dimensions
Value
(in mm)
C
0.650
G
0.450
X
0.450
X1
2.000
Y
1.350
Y1
1.700
Y2
5.300
Dimensions
Value
(in mm)
C
0.950
X
0.500
X1
2.400
X2
2.550
Y
0.600
Y1
1.780
Y2
3.300
G
X
C
Y
Y2
Y1
X1
X 2
Y 1
Y
C
Y 2
X 1
X
C - 0 . 4 0 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com