Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2553 Datasheet(PDF) 21 Page - Aeroflex Circuit Technology

Part # CT2553
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2553 Datasheet(HTML) 21 Page - Aeroflex Circuit Technology

Back Button CT2553 Datasheet HTML 17Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 18Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 19Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 20Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 21Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 22Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 23Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 24Page - Aeroflex Circuit Technology CT2553 Datasheet HTML 25Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Aeroflex Circuit Technology
21
SCDCT2553 REV B 8/6/99 Plainview NY (516) 694-6700
DYNAMIC BUS CONTROL (00000)
MESSAGE SEQUENCE = DBC * STATUS
The CT2553 responds with status. If the subsystem wants control of the bus, it must set DBACC within 2.5us after NBGRT.
ERROR CONDITIONS
1. Invalid Command. No response, command ignored.
2. Command Followed by Data Word. No status response. Bits set: message error (SW), High word Count (BIT Word).
3. T/R bit Set to Zero. No status response. Bits set: message error (SW), T/R Error (Bit Word).
4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode Code, T/R
Error (BIT Word).
5. Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode Code (BIT Word).
SYNCHRONIZE WITHOUT DATA WORD (00001)
MESSAGE SEQUENCE = SYNC * STATUS
The CT2553 responds with status. If sent as a broadcast, the broadcast receive bit will be set and status response suppressed.
ERROR CONDITIONS
1. Invalid Command. No response, command ignored.
2. Command Followed by Data Word. No status response. Bits set: message error (SW), High Word Count (BIT Word).
3. T/R bit Set to Zero. No status response. Bits set: message error (SW), T/R Error (BIT Word).
4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode Code, T/R
Error (BIT Word).
TRANSMIT STATUS WORD (00010)
MESSAGE SEQUENCE = TRANSMIT STATUS * STATUS
The status and BIT word registers are not altered by this command and contain the resulting status from the previous command.
ERROR CONDITIONS
1. Invalid Command. No response, command ignored.
2. Command Followed by Data Word. No status response. Bits set: message error (SW), High Word Count (BIT Word).
3. T/R bit Set to Zero. No status response. Bits set: message error (SW), T/R Error (BIT Word).
4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode Code, T/R
Error (BIT Word).
5. Broadcast Address. No status response. Bits set: message error, broadcast received (S/W), Illegal Mode code, T/R Error (BIT Word).
INITIATE SELF-TEST (00011)
MESSAGE SEQUENCE = SELF TEST * STATUS
The CT2553 responds with a status word. If the command was broadcast, the broadcast received bit is set and status transmission
suppressed. Short-loop test is initiated on the status word transmitted. If the test fails, an RT fail flag is generated.
ERROR CONDITIONS
1. Invalid Command. No response, command ignored.
2. Command Followed by Data Word. No status response. Bits set: message error (SW), High Word Count (BIT Word).
3. T/R bit Set to Zero. No status response. Bits set: message error (SW), T/R Error (BIT Word).
4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), T/R Error (BIT Word).
5. Faulty Test. Bits set: terminal flag (SW), A/B Loop Test Fail, Current 1553 Bus (A or B) Loop Test Fail (BIT Word).
TRANSMITTER SHUTDOWN (00100)
MESSAGE SEQUENCE - SHUTDOWN * STATUS
This command is only used with dual redundant bus systems. The CT2553 responds
with status. At the end of the status transmission, the CT2553 inhibits any further transmission from the dual redundant channel. Once
shutdown, the transmitter can only be re-activated by Override Transmitter Shutdown or RESET RT commands.
ERROR CONDITIONS
1. Invalid Command. No response, command ignored.
2. Command Followed by Data Word. No status response. Bits set: message error (SW), High Word Count (BIT Word).
3. T/R bit Set to Zero. No status response. Bits set: message error (SW), T/R Error BIT Word).
4. Zero T/R bit and Broadcast Address. No status response. Bits set: message error, broadcast received (SW), Illegal Mode Code, T/R
Error (BIT Word).
Table 6 – Mode Codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com