Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2510 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # CT2510
Description  CT2512 / CT2513 / CT2510 / CT2511 Dual Redundant Remote Terminal FOR MIL-STD-1553B
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2510 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  CT2510 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2510 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2510 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2510 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2510 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2510 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2510 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2510 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2510 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Aeroflex Circuit Technology
SCDCT2512 REV C 8/14/01 Plainview NY (516) 694-6700
2
Absolute Maximum Ratings
Parameter
Limits
Units
Power Supply Voltage (VCC)
(Pins 18, 76)
-0.3 to +18.0
Volts
Power Supply Voltage (VEE)
(Pins 38, 57)
+0.3 to -18.0
Volts
Power Supply Voltage (VCCL)
(Pins 37, 58 / 51)
-0.3 to +7.0
Volts
Receiver Differential Input
(Pins 20, 59 / 74, 36)
±20 (40Vp-p)
Volts
Receiver Input Voltage
(Pins 20, 59 / 74, 36)
±15
Volts
Driver Output Current
(Pins 56, 17 / 39, 77)
+200
mA
Transmission Duty Cycle at TC = 125°C
100
%
Operating Case Temperature Range (TC)
-55 to +125
°C
Power and Thermal Data (Transceiver and Logic Section)
Parameter/Conditions
Symbol
Min
Typ
Max
Units
Power Supply Voltage
VCC
VEE
VCCL
14.25
-14.25
4.5
15
-15
5
15.75
-15.75
5.5
V
V
V
Power Dissipation of most critical (hottest) device in
hybrid during continuous transmission (100% Duty
Cycle)
PC
Note 1
350
mW
Thermal Resistance, most critical device
ØJC
60
°C/W
Junction to case temperaturer rise of most critical
device at 100% duty cycle
TJC
60
80
°C
Total supply current standby mode, or transmitting at
less than 1% duty cycle (e.g. 20us of transmission
every 2ms or longer interval)
ICC
IEE
ICC1
Note 2
Note 2
30
50
90
44
70
130
mA
mA
mA
Total supply curren transmitting at 1Mhz into a 35-ohm
load at point A in Figure 2
ICC @ 25%
ICC @ 100%
Note 3
Note 3
70
200
100
260
mA
mA
Note 1: Decreases linearly to zero at zero duty cycle.
Note 2: IEE limit does not change with mode of operation or duty cycle.
Note 3: Decreases linearly to applicable "standby" values at zero duty cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com