Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2561 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # CT2561
Description  CT2561 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2561 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  CT2561 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2561 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Aeroflex Circuit Technology
4
SCDCT2561 REV A 8/16/99 Plainview NY (516) 694-6700
29
LWORD
-
Last word output during BC mode indicates last data word of the current
message transfer has been transferred on the parallel bus.
30
MSGERR
O
Output signal which indicates an error occurred during the current message
sequence.
31
TXDATA A
O
Bipolar serial data output to positive input of bus transceiver.
32
RXDATA A
I
Bipolar serial input from negative output of bus transceiver.
33
RTADP
I
Parity bit input for RT address.
34
RTAD1
I
Bit 1 of RT address input.
35
RTAD3
I
Bit 3 of RT address input.
36
RESET
I
System reset input - resets all inputs in module.
37
TXDATA B
O
Bipolar serial data output to negative input bus transceiver.
38
RXDATA B
I
Bipolar serial data input from positive output of bus transceiver.
39
16MHz
I
16MHz TTL clock input.
40
GROUND
-
Signal ground.
41
BCSTART
I
Cycle enable input Logic "0" initiates bus controller message transfer operation.
42
NBGRNT
O
New bus grant output from RT indicates beginning of message transfer
sequence.
43
BITEN
O
Built in Test enable output indicates RT is transferring BlT word on internal 16 bit
bus.
44
WR
O
Write enable output for control of subsystem memory.
45
BUSGRNT
I
Bus request input in response to DTREQ. Allows BC/RT to transfer data to
subsystem.
46
LOOPERR
O
Loop error output. Logic "0" indicates failure of loop back transmitted data.
47
SSBUSY
I
Subsystem busy input for RT status word.
48
ILLCMD
I
Illegal command input to RT, used to block RT response to an illegal command.
49
ADRINC
O
Increment output pulse. Goes LOW at the completion of each word transfer
to/from subsystem. Can increment external address counter.
50
CHASSIS
-
Frame ground electricity isolated from signal ground
51
WC0
O
LSB of current command word count field.
52
WC2
O
Bit 2 of word count field.
53
WC4
O
Bit 4 of word count field.
54
TXINH A
O
Transmitter inhibit output signal for Channel A.
55
LMC
O
Latched Mode Command. Logic "1" indicates current word command is a mode
code word, WC0-WC4.
56
TESTIN
-
Factory test point. Do not connect.
Table 1A – Pin Function Table (78 Pin Plug-In) (continued)
Pin #
Symbol
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com