Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2566 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # CT2566
Description  CT2566 MIL-STD-1553 to Microprocessor Interface Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2566 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  CT2566 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2566 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Aeroflex Circuit Technology
SCDCT2566 REV B 8/10/99 Plainview NY (516) 694-6700
3
PIN NO.
NAME
I/O
DESCRIPTION
1
SELECT
I
Select. When active, selects CT2566 for operation.
2
RD/WR
I
Read/Write. Controls CPU bus data direction.
3
READYD
O
Ready Data. When active indicates data has been received
from, or is available to the CPU.
4
EXTEN
O
External Enable. Output from CT2566 to enable output from
external devices. Same timing as MEMOE.
5
TAGEN
O
Tag Enable. Enables an external time tag counter for
transferring the time tag word into memory.
6
EOM
I
End of Message. Input from 1553 device indicating end of
message.
7
SOM
I
Start of Message. Input from 1553 device indicating start of
message in RTU mode.
8
STATERR
I
Status Error. Input from 1553 device when status word has
either a bit set or unexpected RT address (in BC mode only).
9
ADRINC
I
Address Increment. Sent from 1553 device to increment
address counter following word transfer.
10
MEM/REG
I
Memory/Register. Input from CPU to select memory or
register data transfer.
11
CLOCK IN
I
Clock input; 50% duty cycle, 12MHz, max.
12
LOOPERR
I
Loop Error. Input from 1553 device if short loop BIT fails.
13
BUSREQ
I
Bus Request. When active, indicates 1553 device requires
use of the address/data bus.
14
BUSGRNT
O
Bus Grant. Handshake output to 1553 device in response to
BUS REQUEST indicating address/data bus available to
1553 device.
15
Not Used
-
-
16
MEMCS
O
Memory Chip Select. Low from CT2566 to enable external
RAM. Used with 4K x 4 RAM type device to read RAM or
used in conjunction with MEMWR to write data into RAM.
17
OE
I
Output Enable. Input from 1553 device used to enable
memory on the parallel bus.
18
N/C
-
Not Used.
19
NBGRNT
I
Low pulse from 1553 device preceding start of received new
protocol sequence. Used with superseding command to reset
DMA in progress.
20
+ 5 Volt
I
Logic power supply.
21
D15
I/O
Data Bus Bit 15 (MSB).
22
D13
I/O
Data Bus Bit 13.
23
D11
I/O
Data Bus Bit 11.
24
D09
I/O
Data Bus Bit 9.
25
D07
I/O
Data Bus Bit 7.
26
D05
I/O
Data Bus Bit 5.
27
D03
I/O
Data Bus Bit 3.
Table 2 – Pin Functions (78 Pin DIP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com