Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT2555 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # CT2555
Description  CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

CT2555 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  CT2555 Datasheet HTML 1Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 2Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 3Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 4Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 5Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 6Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 7Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 8Page - Aeroflex Circuit Technology CT2555 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
eroflex Circuit T
echnology – Data Bus Modules For The Future © SCDCT2553 REV B 8/6/99
Features
I Second Source Compatible to the BUS-61553
I Complete Integrated MUX Including:
• Low Power Dual Transceiver
• BC/RTU/MT Protocol
• 8K x 16 Shared Ram
• Interrupt Logic
I Compatible with MIL-STD- 1750 and other Standard CPUs
I DIP or Flatpack Hybrid
I Minimizes CPU Overhead
I Provides Memory Mapped 1553 Interface
I On-Line & Off-Line Self-Test
I PCs Development Tools Available
I SEAFAC Tested
I MIL-PRF-38534 compliant circuits available
I DESC SMD #5962–88692 Pending
I Packaging – Hermetic Metal
• 78 Pin, 2.1" x 1.87" x .25" Plug-In type package
• 82 Lead, 2.2" x 1.61" x .18" Flat package
General Description
Aeroflex’s CT2553 Advanced Integrated Mux (AIM) Hybrid is a complete MIL-STD-1553 Bus
Controller (BC), Remote Terminal Unit (RTU), and Bus Monitor (MT) device. Packaged in a single
78 pin DIP package, the CT2553 contains dual low-power transceivers, complete BC/RTU/MT
protocol logic, a MIL-STD-1553-to-host interface unit and an 8K x 16 RAM.
Using an industry standard dual transceiver and standard status and control signals, the CT2553
simplifies system integration at both the MIL-STD-1553 and host processor interface levels.
All 1553 operations are controlled through the CPU access to the shared 8K x 16 RAM. To ensure
maximum design flexibility, memory control lines are provided for attaching external RAM to the
CT2553 Address and Data Buses and for disabling internal memory; the total combined memory
space can be expanded to 64K x16. All 1553 transfers are entirely memory-mapped; thus the CPU
interface requires minimal hardware and/or software support.
The CT2553 operates over the full military -55°C to +125°C temperature range. Available screened
to MIL-STD883, the CT2553 is ideal for demanding military and industrial microprocessor to 1553
interface applications. See "Ordering Information" (last sheet) for CT2554, CT2555 & CT2556.
CT2553 / 2554 / 2555 / 2556
FOR MIL-STD-1553
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001
CIRCUIT TECHNOLOGY
www.aeroflex.com
Advanced Integrated MUX (AIM) Hybrid


Similar Part No. - CT2555

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CT25-44P YAMAICHI-CT25-44P Datasheet
251Kb / 2P
180째 Solder Cup
CT25-44P1 YAMAICHI-CT25-44P1 Datasheet
87Kb / 2P
180째 Solder Dip
CT25-44P1-K45 YAMAICHI-CT25-44P1-K45 Datasheet
87Kb / 2P
180째 Solder Dip
CT25-44P5K271 YAMAICHI-CT25-44P5K271 Datasheet
87Kb / 2P
90째 Solder Dip
CT25-44P5K272 YAMAICHI-CT25-44P5K272 Datasheet
87Kb / 2P
90째 Solder Dip
More results

Similar Description - CT2555

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT4468D AEROFLEX-ACT4468D Datasheet
80Kb / 6P
ACT4468D Dual Transceivers for MIL-STD-1553
logo
List of Unclassifed Man...
BUS-61559 ETC1-BUS-61559 Datasheet
49Kb / 4P
MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer)
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
MIL-STD-1553 TRANSCEIVER
logo
Holt Integrated Circuit...
HI-6110 HOLTIC-HI-6110_10 Datasheet
204Kb / 38P
MIL-STD-1553 / MIL-STD-1760 MIL-STD-1553 / MIL-STD-1760
logo
Keysight Technologies
N5469A KEYSIGHT-N5469A Datasheet
937Kb / 14P
MIL-STD 1553 Triggering
logo
Pulse A Technitrol Comp...
H1553-1 PULSE-H1553-1 Datasheet
483Kb / 2P
MIL-STD-1553 Transformers
MIL-STD-1553 PULSE-MIL-STD-1553 Datasheet
512Kb / 2P
MIL-STD-1553 Transformers
Q1553-70 PULSE-Q1553-70 Datasheet
534Kb / 3P
MIL-STD-1553 Transformers
QC1553-1 PULSE-QC1553-1 Datasheet
452Kb / 3P
MIL-STD-1553 Transformers
QC1553-20 PULSE-QC1553-20 Datasheet
457Kb / 3P
MIL-STD-1553 Transformers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com