Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PENT1040D Datasheet(PDF) 2 Page - SL Power Electronics

Part # PENT1040D
Description  Universal 40 Watt (Pre-standard IEEE802.3at Compliant)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PENT1040D Datasheet(HTML) 2 Page - SL Power Electronics

  PENT1040D Datasheet HTML 1Page - SL Power Electronics PENT1040D Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PENT1040D
Universal 40 Watt (Pre-standard IEEE802.3at Compliant)
High Power PoE Injector
J1Pins
J2Pins
1.DataPair1
1.DataPair1
2.DataPair1
2.DataPair1
3.DataPair2
3.DataPair2
4.+VDC
4.NoConnection
5.+VDC
5.NoConnection
6.DataPair2
6.DataPair2
7.-VDC
7.NoConnection
8.-VDC
8.NoConnection
8 7 6 5 4 3 2 1
8 7 6 5 4 3 2 1
J1
J2
Output
Max
Ripple
Ault Part Number
Voltage
Min
Max
Watts
Vp-p max.
PENT1040D5600F01
56V
0.00A
0.71A
40W
560mV
Output Currents
SL Power Electronics Corp • 6050 King Drive • Ventura, CA 93003 • Phone:805.486.4565 • Fax:805.487.8911 • Email:info@slpower.com • www.slpower.com
DataSheet©2008SLPowerElectronicsCorp.Theinformationandspecificationscontainedinthisdatasheetarebelievedtobecorrectattimeofpublication.
However,SLPoweracceptsnoresponsibilityforconsequencesarisingfromreproductionerrorsorinaccuracies.Specificationsaresubjecttochangewithoutnotice.
Rev.9/3/08
For the most current data and application support visit www.slpower.com
Input Configuration
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
Shaver
C8
(N)
IEC320
w/ground
C14
(F)
IEC320
w/o ground
C18
(Q)
Australian
(E)
N. America/
Japan
(B)
Europe
(M)
United
Kingdom
(G)
PENT
1
040
D
56
00
F
01
Product
Numberof
Output
Configuration
Output
Output
Input
Standard
Family
Outputs
Wattage
Type
Voltage
Connector
Configuration
(nomodifications
Name
orspecialpackaging)
Ault Part Number Key
Weight
(excludingcord)
7Ounces,200Grams
CaseandDimension
5.24Lx2.13Wx1.42H(in)
133.0Lx54.0Wx36.0H(mm)
CaseMaterial
Black94V0
Polycarbonate
CordandConnectors
DualRJ45jacksbuiltinto
theenclosure
General Specifications (continued from p. 1)
Pin Connections
Options(additionalcostsmayapply):
•Customlabelartwork
•Customagencyapprovalsavailable
•Surgeprotection(Input&Output)
•Mountingbracket
•CustomPoEmodifications
Personalized PoE
•Proposedstandardisindevelopment;decisionexpectedinthenext
4-6months
•OperatesonCat5andhigherinfrastructure
•UsesallfourpairsofstandardEthernetCategory5cabletoprovide
upto56wattsofpower
•BackwardscompatiblewithIEEE802.3afstandard
Power over Ethernet Plus (known as PoEP and/or PoE+) IEEE802.3at:



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com