Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4430PCF10MCM Datasheet(PDF) 9 Page - Aeroflex Circuit Technology

Part # R4430PCF10MCM
Description  A MIPS R4400 RISC Microprocessor Multichip Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

R4430PCF10MCM Datasheet(HTML) 9 Page - Aeroflex Circuit Technology

Back Button R4430PCF10MCM Datasheet HTML 3Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 4Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 5Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 6Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 7Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 8Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 9Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 10Page - Aeroflex Circuit Technology R4430PCF10MCM Datasheet HTML 11Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
SCD4430 Rev A 11/18/96
Pin #
Function
Pin #
Function
Pin #
Function
142
Vss
189
Int 4*
236
Vss
143
Ext RQST*
190
Vcc
237
Sys Cmd 3
144
Vcc
191
Int 5*
238
Vcc
145
Sys AD 52
192
Vss
239
Sys AD 7
146
Vss
193
Vcc
240
Vss
147
Valid Out*
194
256K/1M*
241
Sys AD 39
148
Vcc
195
SPARE
242
Vcc
149
Sys AD 20
196
SPARE
243
Sys Cmd 4
150
Vss
197
SPARE
244
Vss
151
Sys AD 19
198
CASE GROUND
245
Sys ADC 0
152
Vcc
199
Vss
246
Vcc
153
Sys AD 51
200
Sys AD 32
247
Sys ADC 4
154
Vss
201
Vcc
248
Vss
155
ValidIn*
202
Sys AD 0
249
Sys Cmd 5
156
Vcc
203
Vss
250
Vcc
157
Sys AD 18
204
Sys AD 1
251
Sys AD 8
158
Vss
205
Vcc
252
Vss
159
Sys AD 50
206
Sys AD 33
253
Sys AD 40
160
Vcc
207
Vss
254
Vcc
161
InTO*
208
Sys AD 34
255
Sys Cmd 6
162
Vss
209
Vcc
256
Vss
163
Sys AD 49
210
Sys AD 2
257
Sys AD 9
164
Vcc
211
Vss
258
Vcc
165
Sys AD 17
212
Sys Cmd 0
259
Sys AD 41
166
Vss
213
Vcc
260
Vss
167
Sys AD 16
214
Sys AD 35
261
Sys CMD 7
168
Vcc
215
Vss
262
Vcc
169
Sys AD 48
216
Sys AD 3
263
Sys AD 10
170
Vss
217
Vcc
264
Vss
171
SPARE
218
Sys AD 4
265
Sys AD 42
172
SPARE
219
Vss
266
Vcc
173
SPARE
220
Sys Cmd 1
267
Sys Cmd 8
174
SPARE
221
Vcc
268
Vss
175
SPARE
222
Sys AD 36
269
Sys AD 11
176
SPARE
223
Vss
270
Vcc
177
SPARE
224
Sys Cmd 2
271
Sys AD 43
178
Vss
225
Vcc
272
Vss
179
InT1*
226
Sys AD 5
273
Sys Cmd P
180
Vcc
227
Sys AD 37
274
Vcc
181
InT2*
228
Vss
275
Sys AD 12
182
Vss
229
Mode Clock
276
Vss
183
SPARE
230
Vcc
277
Sys AD 44
184
SPARE
231
WR RDY*
278
Vcc
185
InT3*
232
Vss
279
Fault*
186
SPARE
233
Sys AD 6
280
Vss
187
SPARE
234
Vcc
188
Vss
235
Sys AD 38
R4400SC/MC Microprocessor Multichip Module Pinouts



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com