Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3N02HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF3N02HD
Description  DUAL TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF3N02HD Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF3N02HD Datasheet HTML 1Page - Motorola, Inc MMDF3N02HD Datasheet HTML 2Page - Motorola, Inc MMDF3N02HD Datasheet HTML 3Page - Motorola, Inc MMDF3N02HD Datasheet HTML 4Page - Motorola, Inc MMDF3N02HD Datasheet HTML 5Page - Motorola, Inc MMDF3N02HD Datasheet HTML 6Page - Motorola, Inc MMDF3N02HD Datasheet HTML 7Page - Motorola, Inc MMDF3N02HD Datasheet HTML 8Page - Motorola, Inc MMDF3N02HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS Dual N-Channel
Field Effect Transistors
MiniMOS
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density HDTMOS process.
These miniature surface mount MOSFETs feature ultra low RDS(on)
and true logic level performance. They are capable of withstanding
high energy in the avalanche and commutation modes and the
drain–to–source diode has a very low reverse recovery time.
MiniMOS devices are designed for use in low voltage, high speed
switching applications where power efficiency is important. Typical
applications are dc–dc converters, and power management in
portable and battery powered products such as computers,
printers, cellular and cordless phones. They can also be used for
low voltage motor controls in mass storage products such as disk
drives and tape drives. The avalanche energy is specified to
eliminate the guesswork in designs where inductive loads are
switched and offer additional safety margin against unexpected
voltage transients.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Avalanche Energy Specified
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
20
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
20
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 20
Vdc
Drain Current — Continuous @ TA = 25°C
Drain Current — Continuous @ TA = 100°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
3.8
2.6
19
Adc
Apk
Total Power Dissipation @ TA = 25°C (1)
PD
2.0
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 20 Vdc, VGS = 5.0 Vdc, Peak IL = 9.0 Apk, L = 10 mH, RG = 25 Ω)
EAS
405
mJ
Thermal Resistance — Junction to Ambient (1)
R
θJA
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
DEVICE MARKING
D3N02
(1) Mounted on 2” square FR4 board (1” sq. 2 oz. Cu 0.06” thick single sided) with one die operating, 10 sec. max.
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMDF3N02HDR2
13
″
12 mm embossed tape
2500
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Designer’s, HDTMOS and MiniMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
Preferred devices are Motorola recommended choices for future use and best overall value.
Order this document
by MMDF3N02HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1996
Source–1
1
2
3
4
8
7
6
5
Top View
Gate–1
Source–2
Gate–2
Drain–1
Drain–1
Drain–2
Drain–2
D
S
G
CASE 751–05, Style 11
SO–8
MMDF3N02HD
DUAL TMOS
POWER MOSFET
3.0 AMPERES
20 VOLTS
RDS(on) = 0.090 OHM
Motorola Preferred Device
™
REV 5


Similar Part No. - MMDF3N02HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF3N02HD ONSEMI-MMDF3N02HD Datasheet
127Kb / 12P
Power MOSFET 3 Amps, 20 Volts N-Channel SO-, DuaL
November, 2000 ??Rev. 6
MMDF3N02HDR2 ONSEMI-MMDF3N02HDR2 Datasheet
127Kb / 12P
Power MOSFET 3 Amps, 20 Volts N-Channel SO-, DuaL
November, 2000 ??Rev. 6
logo
Motorola, Inc
MMDF3N02HDR2 MOTOROLA-MMDF3N02HDR2 Datasheet
178Kb / 10P
TMOS DUAL N-CHANNEL FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
MMDF3N02HDR2G VBSEMI-MMDF3N02HDR2G Datasheet
984Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
More results

Similar Description - MMDF3N02HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2P02HD MOTOROLA-MMDF2P02HD Datasheet
257Kb / 10P
DUAL TMOS POWER FET 2.0 AMPERES 20 VOLTS
MMDF3200Z MOTOROLA-MMDF3200Z Datasheet
86Kb / 4P
DUAL TMOS POWER MOSFET 11.5 AMPERES 20 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF5N02Z MOTOROLA-MMDF5N02Z Datasheet
186Kb / 10P
DUAL TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
MMSF3205 MOTOROLA-MMSF3205 Datasheet
106Kb / 6P
SINGLE TMOS POWER MOSFET 11 AMPERES 20 VOLTS
MMSF3P02HD MOTOROLA-MMSF3P02HD Datasheet
302Kb / 10P
SINGLE TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MMSF4N01HD MOTOROLA-MMSF4N01HD Datasheet
285Kb / 10P
TMOS MOSFET 5.8 AMPERES 20 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com