Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R4400SC Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # R4400SC
Description  A MIPS R4400 RISC Microprocessor Multichip Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

R4400SC Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

Back Button R4400SC Datasheet HTML 2Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 3Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 4Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 5Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 6Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 7Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 8Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 9Page - Aeroflex Circuit Technology R4400SC Datasheet HTML 10Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
SCD4430 Rev A 11/18/96
Clock/Control Interface Signals
TClock(1:0)
O
Transmit clocks
: Two identical transmit clocks that
establish the system interface frequency
RClock(1:0)
O
Receive clocks:
Two identical receive clocks that estab-
lish the system interface frequency
MasterClock
I
Master clock:
Master clock input establishes the pro-
cessor operating frequency
Masterout
O
Master clock out
: Master clock output aligned with
MasterClock
SyncOut
O
Synchronization clock out:
Synchronization clock out-
put must be connected to SyncIn through an intercon-
nect that models the interconnect between MasterOut,
TClock, RClock, and the external agent.
SyncIn
I
Synchronization clock in
: Synchronization clock input
IOOut
O
I/O output:
Output slew rate control feedback loop out-
put. Must be connected to IOIn through a delay loop
that models the I/O path from the processor to an
external agent.
IOIn
I
I/O input:
Output slew rate control feedback loop input
(see IOOut)
Fault*
O
Fault:
The processor asserts Fault to indicate a mis-
match output of boundry comparators
VccP
I
Quiet Vcc for the PLL:
Quiet Vcc for the internal phase
lock loop
VssP
I
Quiet Vss for the PLL:
Quiet Vss for the internal phase
lock loop
Status(7:0)
O
Status:
An 8 bit bus that indicates the current operation
status of the processor
VccSense
I/O
Vcc sense:
This is a special pin used for testing and
characterization. The voltage at this pin directly shows
the behavior of the on chip Vcc.
VssSense
I/O
Vss sense:
VssSense provides a separate, direct connec-
tion fron the on-chip Vss node to a package pin without
attaching to the in-package ground planes. VssSence
should be connected to Vss in functional system
designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com