Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT-5261PC-150P10Q Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # ACT-5261PC-150P10Q
Description  ACT 5261 64-Bit Superscaler Microprocessor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT-5261PC-150P10Q Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  ACT-5261PC-150P10Q Datasheet HTML 1Page - Aeroflex Circuit Technology ACT-5261PC-150P10Q Datasheet HTML 2Page - Aeroflex Circuit Technology ACT-5261PC-150P10Q Datasheet HTML 3Page - Aeroflex Circuit Technology ACT-5261PC-150P10Q Datasheet HTML 4Page - Aeroflex Circuit Technology ACT-5261PC-150P10Q Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Aeroflex Circuit Technology
SCD5261 REV 1 12/22/98 Plainview NY (516) 694-6700
5
Sample Ordering Information
Part Number
Screening
Speed (MHz)
Package
ACT- 5261PC-133F17I
Industrial Temperature
133
208 Lead CQFP
ACT- 5261PC-150F17C
Commercial Temperature
150
208 Lead CQFP
ACT- 5261PC-200F17T
Military Temperature
200
208 Lead CQFP
ACT-5261PC-250F17M
Military Screening
250
208 Lead CQFP
Aeroflex Circuit Technology
35 South Service Road
Plainview New York 11803
Telephone: (516) 694-6700
FAX:
(516) 694-6715
Toll Free Inquiries: (800) 843-1553
www.aeroflex.com/act1.htm
E-Mail: sales-act@aeroflex.com
Specifications subject to change without notice.
CIRCUIT TEC HNOL OGY
Part Number Breakdown
ACT– 5261 PC – 200 F17 M
Aeroflex Circuit
Technology
Base Processor Type
133 = 133MHz
150 = 150MHz
200 = 200MHz
250 = 250MHz
266 = 266MHz (Future Option)
Cache Style
Package Type & Size
C = Commercial Temp, 0°C to +70°C
I = Industrial Temp, -40°C to +85°C
T = Military Temp, -55°C to +125°C
M = Military Temp, -55°C to +125°C, Screened
*
Q = MIL-PRF-38534 Compliant/SMD if applicable
Screening
* Screened to the individual test methods of MIL-STD-883
PC = Primary Cache
Maximum Pipeline Freq.
Surface Mount Package
F17 = 1.120" SQ 208 Lead CQFP
F24 = 1.120" SQ Inverted 208 Lead CQFP
Thru-Hole Package
P10 = 1.86"SQ PGA 179 pins with shoulder (Advanced)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com