Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE44317 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44317
Description  75 Ohm F Male Connector Crimp/Crimp Attachment For RG59, RG62, 3 Pieces Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44317 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44317 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44317 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm F Male Connector Crimp/Crimp Attachment
For RG59, RG62, 3 Pieces Connector
75 Ohm F Male Connector Crimp/Crimp Attachment For RG59, RG62, 3 Pieces Connector
Configuration
Connector
F Male
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Crimp/Crimp
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.123 [28.52]
Width/Dia., in [mm]
0.433 [11]
Weight, lbs [g]
0.013 [5.9]
Connector
Type
F Male
Contact Material and Plating
Brass, Gold
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in
7/16
Body Material and Plating
Brass, Nickel
Dielectric Type
Delrin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL: http://www.pasternack.com/f-male-standard-rg59-rg62-connector-pe44317-p.aspx
75 Ohm F Male Connector Crimp/Crimp Attachment For RG59, RG62, 3 Pieces Connector from Pasternack Enterprises has
same day shipment for domestic and International orders. We maintain 99% availability of the industry’s broadest selection of
RF, microwave and fiber optic products.
PE44317
PE44317 REV


Similar Part No. - PE44317

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4431 PASTERNACK-PE4431 Datasheet
128Kb / 1P
N MALE CLAMP ATTACHMENT
PE44310 PASTERNACK-PE44310 Datasheet
207Kb / 2P
MC-Card Plug Connector Crimp-Solder Attachment For RG178, RG196
PE44311 PASTERNACK-PE44311 Datasheet
269Kb / 2P
MC-Card Plug Right Angle Connector Crimp - Solder Attachment For RG178, RG196
PE44312 PASTERNACK-PE44312 Datasheet
275Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6
PE44313 PASTERNACK-PE44313 Datasheet
354Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
More results

Similar Description - PE44317

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4075 PASTERNACK-PE4075 Datasheet
153Kb / 3P
MHV Male Connector Crimp/Solder Attachment For RG59, RG62
PE44323 PASTERNACK-PE44323 Datasheet
261Kb / 2P
75 Ohm F Male Right Angle Connector Twist Attachment For RG59, RG62
PE44322 PASTERNACK-PE44322 Datasheet
273Kb / 3P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG59, RG62
PE4658 PASTERNACK-PE4658 Datasheet
216Kb / 3P
75 Ohm SMC Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4472 PASTERNACK-PE4472 Datasheet
280Kb / 2P
75 Ohm SMB Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4512 PASTERNACK-PE4512 Datasheet
259Kb / 2P
75 Ohm N Male Connector Crimp/Solder Attachment For RG59, RG62
PE44325 PASTERNACK-PE44325 Datasheet
213Kb / 2P
75 Ohm F Female Bulkhead Connector Crimp/ Solder Attachment For RG59, RG62
PE44318 PASTERNACK-PE44318 Datasheet
207Kb / 2P
75 Ohm F Male Connector Twist Attachment For RG59, RG62
PE44313 PASTERNACK-PE44313 Datasheet
354Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
PE44316 PASTERNACK-PE44316 Datasheet
377Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG59, RG62, RG71
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com