Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW170KB Datasheet(PDF) 1 Page - SL Power Electronics

Part # PW170KB
Description  Universal 10 ??15 Watt Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW170KB Datasheet(HTML) 1 Page - SL Power Electronics

  PW170KB Datasheet HTML 1Page - SL Power Electronics PW170KB Datasheet HTML 2Page - SL Power Electronics PW170KB Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1 of 3
______________________________________________________________________________________________________________________________
SL Power Electronics Corp 6050 King Drive Ventura, CA 93003 Phone 805.486.4565 • Fax 858.712.2040 Email: info@slpower.com www.slpower.com
Model Number Key
F
Input Receptacle. See Below for options. "F" receptacle (IEC320, C14 type, grounded) noted above.
01
Modification Designator. "01" is standared part, "02" and higher denotes a modified model.
PW170
Product Family
K
Manufacturing Location
B
Design Revision Changes
05
Output Voltage
03
Output Connector. "03" connector is standard. Other output connectors available. Contact the factory for more details
Specifications
All Specifications are typical at nominal input, full load at 25°C unless otherwise stated.
AC Input
100-240VAC, -/-10% (class I), +6%, -10% (class II), 47-63 Hz, 1∅.
MTBF
>100,000 hours (calculated)
Input Current
90VAC: 0.4A
Hold-up Time
18 ms min. @ 115VAC
Inrush Current
Inrush limiting provided.
Overvoltage Protection
Built-in
Input Fuses
Internal Primary Current Fuse is provided.
Overload Protection
Hiccup Mode
Efficiency
Meet EISA Requirements – see page 2
Short Circuit Protection
Hiccup Mode
Output Voltage
See chart.
Topology
Switching – Fixed Frequency Flyback
Output Power
See chart
Approvals and Safety Standards
EN/IEC/CSA/UL60950-1, EMC: EN55022/55024/61000
Ripple and Noise
1% pk-pk max., 20MHz BW
Dielectric Withstand
Input-Output: 3000VAC, Input-GND: 1500VAC, Output-GND: 500VDC
Line & Load Voltage Regulation
Excluding Cord: Line: +/- 1%, Load: +/-5%.
Operating Temperature
0° to 40°C, no derating
Transient Response
500µs max., 50% load step, typical
Storage Temperature
-30 to +85°C.
Minimum Load
Not required.
Relative Humidity
5% to 95%, non-condensing
Case Material:
Black 94V0 Polycarbonate
Altitude
0 to 10,000 ft.
Case Dimensions:
See outline drawing.
Output Connections:
Cable: 18AWG, 1800mm (5V & 6V models: 1500mm), 2 conductor.
Connector: 2.5mm barrel type (Ault #3) connector, center contact (+).
Other connector options are available.
PW170KB
Universal 10 – 15 Watt Series
ITE Switch-Mode Power Supply
3 Year Warranty
100-240VAC Universal Input
Desktop and Wall-Plug Style with either fixed blades, or
Interchangeable Blades* ( Kit sold separately)
5V to 48V Single Output Models, up to 15W
Modified and Custom Designs Available
Regulated Output with Low Ripple
Impact-Resistant Polycarbonate Enclosure
No load Power Consumption < 0.5W
Meets EISA Requirements (see next page for details).
Meets Energy Star Level IV


Similar Part No. - PW170KB

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PW172KB SLPOWER-PW172KB Datasheet
225Kb / 3P
Universal 15 ??19 Watt Series
PW172KB0503F01 SLPOWER-PW172KB0503F01 Datasheet
225Kb / 3P
Universal 15 ??19 Watt Series
PW172KB0603F01 SLPOWER-PW172KB0603F01 Datasheet
225Kb / 3P
Universal 15 ??19 Watt Series
PW172KB0903F01 SLPOWER-PW172KB0903F01 Datasheet
225Kb / 3P
Universal 15 ??19 Watt Series
PW172KB1203F01 SLPOWER-PW172KB1203F01 Datasheet
225Kb / 3P
Universal 15 ??19 Watt Series
More results

Similar Description - PW170KB

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSA15W-050 PHIHONG-PSA15W-050 Datasheet
366Kb / 2P
15 Watt Universal Switching Adapter
PSAA15W-050 PHIHONG-PSAA15W-050 Datasheet
126Kb / 2P
15 Watt Universal 2-Wire Input Desktop Adapter
logo
Bothhand USA, LP.
M2-10US05 BOTHHAND-M2-10US05 Datasheet
255Kb / 2P
10-15 Watt Switching Adapter
logo
SL Power Electronics
PW148RB SLPOWER-PW148RB Datasheet
322Kb / 2P
Universal 19.2 Watt Series
PW149RB SLPOWER-PW149RB Datasheet
342Kb / 2P
Universal 12 Watt Series
PW152 SLPOWER-PW152 Datasheet
350Kb / 2P
Universal 50 Watt Series
PW153KB SLPOWER-PW153KB Datasheet
309Kb / 2P
Universal 40 Watt Series
PW172KB SLPOWER-PW172KB Datasheet
225Kb / 3P
Universal 15 ??19 Watt Series
logo
Phihong USA Inc.
PSAA15W-V PHIHONG-PSAA15W-V Datasheet
103Kb / 2P
15 Watt Universal 2-Wire Input Desktop Adapter
PSAA15W-050L6 PHIHONG-PSAA15W-050L6_17 Datasheet
174Kb / 3P
15 Watt Universal 2-Wire Input Desktop Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com