Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW172KB Datasheet(PDF) 2 Page - SL Power Electronics

Part # PW172KB
Description  Universal 15 ??19 Watt Series
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW172KB Datasheet(HTML) 2 Page - SL Power Electronics

  PW172KB Datasheet HTML 1Page - SL Power Electronics PW172KB Datasheet HTML 2Page - SL Power Electronics PW172KB Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
______________________________________________________________________________________________________________________________
SL Power Electronics Corp • 6050 King Drive Ventura, CA 93003 • Phone 805.486.4565 • Fax 858.712.2040 • Email: info@slpower.com • www.slpower.com
Notes:
1 Ault #3 Connector
2. Center Contact = Positive
3. Connector is Switchcraft 760 plug or equivalent.
5. Other output connector options are available. Contact your
local representative for details.
4. Suggested Mating Connector is Switchcraft 712A jack or
equivalent.
WALL-PLUG OPTIONS
IEC320
IEC320
IEC320
N. America
N. America
Europe
United
Australia
C14
C18
C8
Japan
Japan
Kingdom
Grounded
Ungrounded
"Shaver"
Interchangeable
Fixed
Fixed
Fixed
Fixed
(F)
(Q)
(N)
(B)
(C)
(M)
(G)
(H)
Notes:
3. Blade Kit is available which will include one each of a EU, UK, and Aust blade. Kit part number is
KT1027K . Can be used with (B) version only, to allow blades to be interchanged.
1. For Desktop options, choose the applicable letter above.
2. For Wall-plug options, choose the applicable letter above. The model will then be fitted only with the
receptacle chosen. The North American blade version (B) will be an interchangeable blade. The other
options (C), (M), (G), and (H), will be fixed blades molded in the case.
DESKTOP OPTIONS
Model Number
Volts (V)
Output Current (max)
Max Watts
Ripple (Vp-p max)
PW172KB0503F01
5 V
3.00 A
15.0 W
50mV
PW172KB0603F01
6 V
2.50 A
15.0 W
60mV
PW172KB0903F01
9 V
2.00 A
18.0 W
90mV
PW172KB1203F01
12 V
1.50 A
18.0 W
120mV
PW172KB1503F01
15 V
1.20 A
18.0 W
150mV
PW172KB1803F01
18 V
1.00 A
18.0 W
180mV
PW172KB2403F01
24 V
0.75 A
18.0 W
240mV
PW172KB4803F01
48 V
0.40 A
19.2 W
480mV
Note: Part numbers above include #3 output connector and IEC320 C14 grounded input receptacle. See below for other options.
Input Receptacle Options
Output Connector
2007 Energy Independence and Security Act - EISA
The Energy Independence and Security Act of 2007 was passed in December of 2007 and addresses minimum efficiency standards and standby
levels for Class A external power supplies that are 250 Watts and under. This law stipulates that external power supplies manufactured on July 1,
2008 and beyond meet certain minimum efficiency and standby criteria as defined below.
Minimum Efficiency Criteria:
Active mode is defined as when a power supply’s input is connected to a line voltage AC and it’s output is connected to a DC or AC load, drawing a
portion of the product’s power output. Depending upon the power rating for the power supply, it must meet the minimum efficiency criteria outlined
below.
Energy-Efficiency Criteria for Active Mode:
Output Power on Adapter Label
0 to < 1 Watt
> 1 watt to ≤ 51 watts
> 51 watts
Minimum Average Efficiency Percentage
≥
0.50 * output power on the label
≥
[0.09 * Ln (output power on adapter label)] + 0.50
≥
0.85
Energy Consumption Criteria for No Load Mode:
The power supply must also meet a requirement for when its input is connected to line voltage AC but its output is not connected to a load.
Depending upon the power output of the supply, it must keep its energy consumption below the following values:
Output Power on Adapter Label
0 to < 250 Watts
Maximum Power Consumption in No-Load Mode
≤
0.50 watts
ITE Switch Mode Power Supply
3 Year Warranty
PW172KB
Universal 15-19 Watt Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com