Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSGSERIES Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # PSGSERIES
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

PSGSERIES Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  PSGSERIES Datasheet HTML 1Page - Nippon Precision Circuits Inc PSGSERIES Datasheet HTML 2Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Downsized
PSG
PSF
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
●
Super low ESR, high ripple current capability
●
Endurance: 2,000 to 5,000 hours at 105
℃
●
Rated voltage : 16 to 20Vdc
●
RoHS Compliant
●
Halogen Free
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 105
℃)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
(at 100kHz)
Category
Temperature Range
Rated Voltage
Capacitance Tolerance
Surge Voltage
Leakage Current
*Note
Dissipation Factor
(tan
δ)
Low Temperature
Characteristics
(Max.Impedance Ratio)
Endurance
Bias Humidity Test
Surge Voltage Test
Failure Rate
Items
-55 to +105
℃
16 to 20Vdc
P20% (M)
Rated voltage(V)B1.15
I=0.2CV or 500μA, whichever is greater
Where, I : Leakage current (μA), C : Nominal capacitance (μF), V : Rated voltage (V)
0.12 max.
Z(-25
℃)/Z(+20℃)≦1.15
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 5,000 hours
(20V : 2,000 hours) at 105
℃.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦The initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjecting them to DC voltage at 60℃,
90 to 95% RH for 1,000 hours.
Appearance
No significant damage
Capacitance change
≦±20% of the initial value
D.F. (tan
δ)
≦The initial specified value
ESR
≦150% of the initial specified value
Leakage current
≦The initial specified value
The capacitors shall be subjected to 1,000 cycles each consisting of charge with the surge voltage specified at 105
℃ for 30 seconds
through a protective resistor(R=1
k
Ω) and discharge for 5 minutes 30 seconds.
Appearance
No significant damage
Capacitance change
D.F. (tan
δ)
ESR
Leakage current
0.5% per 1,000 hours maximum (Confidence level 60% at 105
℃)
Characteristics
*Note : If any doubt arises, measure the leakage current after the following voltage treatment.
Voltage treatment : DC rated voltage is applied to the capacitors for 120 minutes at 105
℃.
Z(-55
℃)/Z(+20℃)≦1.25
≦±20% of the initial value
≦The initial specified value
≦150% of the initial specified value
≦The initial specified value
New!
Radial Lead
CAT. No. E1001L
(1/2)


Similar Part No. - PSGSERIES

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
PSGS4M-PSGS4M-4413-1M TURCK-PSGS4M-PSGS4M-4413-1M Datasheet
356Kb / 8P
Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
2023-02-23
PSGS4M-RJ45S-4413-1M TURCK-PSGS4M-RJ45S-4413-1M Datasheet
356Kb / 8P
Compact Multiprotocol I/O Module for Ethernet 8 Universal Digital Channels, Configurable as PNP Inputs or 2 A Outputs
2023-02-23
More results

Similar Description - PSGSERIES

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
APSF2R0ESS102MF08S NPC-APSF2R0ESS102MF08S Datasheet
49Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
List of Unclassifed Man...
APSA6R3ELL681MJB5S ETC2-APSA6R3ELL681MJB5S Datasheet
43Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
United Chemi-Con, Inc.
APSA100ELL470 CHEMI-CON-APSA100ELL470 Datasheet
37Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSC160ELL331 CHEMI-CON-APSC160ELL331 Datasheet
303Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APSK2R5ELL561 CHEMI-CON-APSK2R5ELL561 Datasheet
294Kb / 2P
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
logo
Panasonic Semiconductor
63SXV33M PANASONIC-63SXV33M Datasheet
48Kb / 1P
Conductive Polymer Aluminum Solid Capacitors ?
2R5SVT560M PANASONIC-2R5SVT560M Datasheet
542Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
4SEQP150M PANASONIC-4SEQP150M Datasheet
527Kb / 9P
Conductive Polymer Aluminum Solid Capacitors
4SVQP150M PANASONIC-4SVQP150M Datasheet
436Kb / 7P
Conductive Polymer Aluminum Solid Capacitors
SVPE PANASONIC-SVPE_V01 Datasheet
1Mb / 7P
Conductive Polymer Aluminum Solid Capacitors
01-Apr-22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com