Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPM3570 Datasheet(PDF) 7 Page - RF Micro Devices

Part # ZPM3570
Description  ZigBee Pro Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ZPM3570 Datasheet(HTML) 7 Page - RF Micro Devices

Back Button ZPM3570 Datasheet HTML 3Page - RF Micro Devices ZPM3570 Datasheet HTML 4Page - RF Micro Devices ZPM3570 Datasheet HTML 5Page - RF Micro Devices ZPM3570 Datasheet HTML 6Page - RF Micro Devices ZPM3570 Datasheet HTML 7Page - RF Micro Devices ZPM3570 Datasheet HTML 8Page - RF Micro Devices ZPM3570 Datasheet HTML 9Page - RF Micro Devices ZPM3570 Datasheet HTML 10Page - RF Micro Devices ZPM3570 Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.RFM.com
Technical support +1.678.684.2000
Page 7 of 18
© 2011 by RF Monolithics, Inc.
E-mail: tech_sup@rfm.com
ZPM3570 Data Sheet - 05/25/11
2.5 Module Pin Out
Pin
Name
I/O
Description
1
GND
-
Ground
2
Reserved
O
Internal serial flash on/off control (active low),for debugging use only
3
PC4/JTMS
I/O
Programmable I/O control available to the host, or JTAG mode select
4
PB0/IRQA
I/O
Programmable I/O control available to the host, or an interrupt input
5
Reserved
O
Internal serial flash nCS, for debugging use only
6
PB6/ADC1/IRQB
I/O
Programmable I/O control available to the host, or ADC input, or an
interrupt input
7
PC1/ADC3
I/O
Programmable I/O control available to the host, or an ADC input
8
SWCLK/JTCK
I
JTAG/Serial Wire debugging port clock
9
PC0/JRST/IRQD
I/O
Programmable I/O control available to the host, or an interrupt input, or
the JTAG reset input
10
GND
-
Ground
11
PB5/ADC0
I/O
Programmable I/O control available to the host, or an ADC input
12
GND
-
Ground
13
GND
-
Ground
14
GND
-
Ground
15
GND
-
Ground
16
Reserved
I/O
Not connected in ZPM3750
17
GND
-
Ground
18
Reserved
O
Used internally as the LNA on (active low), for debugging use only
19
nRESET
I
Module reset signal (Internal pull-up)
20
GND
-
Ground
21
GND
-
Ground
22
PA3
I/O
Programmable I/O control available to the host
23
GND
-
Ground
24
PC6/OSC32B
I/O
Programmable I/O control available to the host, or 32.768 kHz crystal
25
PC7/OSC32A
I/O
Programmable I/O control available to the host, or 32.768 kHz crystal
26
SC1SCLK/PB3
I/O
SPI port 1 clock, or programmable I/O control available to the host
27
Reserved
O
Used internally as the serial flash MOSI, for debugging use only
28
Reserved
O
Used internally as the serial flash MISO, for debugging use only
29
VBATT
PI
Module power supply
30
Reserved
O
Used internally as the serial flash clock, for debugging use only
31
PA4/ADC4
I/O
Programmable I/O control available to the host, or ADC input
32
GND
-
Ground
33
PA5/ADC5/nBOOTMODE
I/O
Programmable I/O control available to the host, or ADC input, or Boot
control, must be left open or pulled high during the reset to enable the
normal firmware boot process.
34
SC1MISO(s)
/SC1MOSI(m)/TXD/PB1/SC1SDA
I/O
SPI port 1 MISO (slave)/ MOSI (master) signal, UART TXD signal, I2C
port 1 DATA signal, or programmable I/O control available to the host
35
SC1MOSI(s)
/SC1MISO(m)/RXD/PB2/SC1SCL
I/O
SPI port 1 MOSI (slave)/ MISO (master) signal, UART RXD signal, I2C
port 1 CLK signal, or programmable I/O control available to the host.
36
PC2/JTDO/SWO
I/O
Programmable I/O control available to the host, or Serial Wire port OUT-
PUT signal, or JTAG data out
37
SC1nSSEL/PB4
I/O
SPI port 1 slave select, or programmable I/O control available to the host
38
PC3/JTDI
I/O
Programmable I/O control available to the host, or JTAG data in
39
GND
-
Ground
40
GND
-
Ground
41
GND
-
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com