Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX32X0-2C Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # AX32X0-2C
Description  Binning and Labeling Connect directly in AC Power Saving Long Life Time
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

AX32X0-2C Datasheet(HTML) 3 Page - Seoul Semiconductor

  AX32X0-2C Datasheet HTML 1Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 2Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 3Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 4Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 5Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 6Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 7Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 8Page - Seoul Semiconductor AX32X0-2C Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Rev. 05
Rev. 05
August 2012
August 2012
www.ACRICH.com
www.ACRICH.com
3
Document No. : SSC-QP-7-07-24 (Rev.00)
Part Number form : A X
1 X2 X3 X4 X5
1. Part Number
- A : Acrich
- X
1: Color
- X
2 : Acrich series number
- X
3 : LENS type
- X
4 : Operating Voltage
- X
5 : Type of PCB
Part number of Acriche Series
Warm White
N
Pure White
W
Color
X
1
A3
3
Acrich Series
X
2
Dome Type
2
LENS Type
X
3
230
3
220
2
120
4
110
1
100
0
Operating Voltage [V]
X
4
Emitter only
0
A3 PCB type
1
PCB Type
X
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com