Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP084-DMBA1 Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # FSP084-DMBA1
Description  84 Watts Power Adapter High efficiency and reliability
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP084-DMBA1 Datasheet(HTML) 1 Page - Sparkle Power Inc.

  FSP084-DMBA1 Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specification
• Temperature Range: Operating: 0°C ~ +40°C
• Humidity: 80% on operating, 80% on storage
• Average Efficiency: Efficiency Level V & ErP Teir 2
• No Load Power Consumption: Less than 0.5W
• Dimensions (LxWxH): 134x58.3x32mm
/5.28x2.28x1.26inch
Output Characteristics
SPI Model
Output
Voltage
Output
Current
Connecter
Type
Connecter
IDxODxL
Dc cable
Length (mm)
AD084DMBA1-J25
12V
7A
Barrel 180 ̊
2.5x5.5x12
1200
FSP084-DMBA1
(Efficiency Level V, RoHS Compliant)
84 Watts Power Adapter
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
• High efficiency and reliability
• Low noise and ripple
• Output over voltage, short circuit, and over current
protection
• Complies with FCC part 15, and CISPR 22 class B
• Approved by CUL/UL60950-1
2nd TUV EN60950-1 2nd, CB
60950-1
2nd, FCC, EMC
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com


Similar Part No. - FSP084-DMBA1

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP084-DMAA1 SPI-FSP084-DMAA1 Datasheet
82Kb / 1P
84 Watts Power Adapter High efficiency and reliability
More results

Similar Description - FSP084-DMBA1

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP015-DYAA1 SPI-FSP015-DYAA1 Datasheet
64Kb / 1P
15 Watts Power Adapter High efficiency and reliability
FSP025-DGAA1 SPI-FSP025-DGAA1 Datasheet
62Kb / 1P
25 Watts Power Adapter High efficiency and reliability
FSP040-DGAA1 SPI-FSP040-DGAA1 Datasheet
62Kb / 1P
40 Watts Power Adapter High efficiency and reliability
FSP040-RAC-SPEC SPI-FSP040-RAC-SPEC Datasheet
53Kb / 1P
40 Watts Power Adapter High efficiency and reliability
FSP060-DBAE1 SPI-FSP060-DBAE1 Datasheet
54Kb / 1P
60 Watts Power Adapter High efficiency and reliability
FSP084-DMAA1 SPI-FSP084-DMAA1 Datasheet
82Kb / 1P
84 Watts Power Adapter High efficiency and reliability
FSP120-AAA SPI-FSP120-AAA Datasheet
109Kb / 1P
120 Watts Power Adapter High efficiency and reliability
FSP120-AAB SPI-FSP120-AAB Datasheet
64Kb / 1P
120 Watts Power Adapter High efficiency and reliability
FSP150-ABAN1 SPI-FSP150-ABAN1 Datasheet
97Kb / 1P
150 Watts Power Adapter High efficiency and reliability
FSP150-ABBN1 SPI-FSP150-ABBN1 Datasheet
74Kb / 1P
150 Watts Power Adapter High efficiency and reliability
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com