Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3N04HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF3N04HD
Description  DUAL TMOS POWER MOSFET 3.4 AMPERES 40 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF3N04HD Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF3N04HD Datasheet HTML 1Page - Motorola, Inc MMDF3N04HD Datasheet HTML 2Page - Motorola, Inc MMDF3N04HD Datasheet HTML 3Page - Motorola, Inc MMDF3N04HD Datasheet HTML 4Page - Motorola, Inc MMDF3N04HD Datasheet HTML 5Page - Motorola, Inc MMDF3N04HD Datasheet HTML 6Page - Motorola, Inc MMDF3N04HD Datasheet HTML 7Page - Motorola, Inc MMDF3N04HD Datasheet HTML 8Page - Motorola, Inc MMDF3N04HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
Medium Power Surface Mount Products
TMOS Dual N-Channel
Field Effect Transistor
MiniMOS
™ devices are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density HDTMOS process. These
miniature surface mount MOSFETs feature ultra low RDS(on) and true
logic level performance. They are capable of withstanding high energy
in the avalanche and commutation modes and the drain–to–source
diode has a very low reverse recovery time. MiniMOS devices are
designed for use in low voltage, high speed switching applications
where power efficiency is important. Typical applications are dc–dc
converters, and power management in portable and battery powered
products such as computers, printers, cellular and cordless phones.
They can also be used for low voltage motor controls in mass storage
products such as disk drives and tape drives. The avalanche energy is
specified to eliminate the guesswork in designs where inductive loads
are switched and offer additional safety margin against unexpected
voltage transients.
• Ultra Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided
• Avalanche Energy Specified
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
40
Vdc
Drain–to–Gate Voltage (RGS = 1.0 MΩ)
VDGR
40
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 20
Vdc
Drain Current — Continuous @ TA = 25°C (1)
Drain Current — Continuous @ TA = 70°C (1)
Drain Current — Pulsed Drain Current (4)
ID
ID
IDM
3.4
3.0
40
Adc
Apk
Total Power Dissipation @ TA = 25°C (1)
Linear Derating Factor (1)
PD
2.0
16
Watts
mW/
°C
Total Power Dissipation @ TA = 25°C (2)
Linear Derating Factor (2)
PD
1.39
11.11
Watts
mW/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, Peak IL = 9.0 Apk, L = 4.0 mH, VDS = 40 Vdc)
EAS
162
mJ
THERMAL RESISTANCE
Rating
Symbol
Typ.
Max.
Unit
Thermal Resistance — Junction to Ambient, PCB Mount (1)
— Junction to Ambient, PCB Mount (2)
R
θJA
R
θJA
—
—
62.5
90
°C/W
(1) When mounted on 1 inch square FR–4 or G–10 board (VGS = 10 V, @ 10 Seconds)
(2) When mounted on minimum recommended FR–4 or G–10 board (VGS = 10 V, @ Steady State)
DEVICE MARKING
ORDERING INFORMATION
D3N04H
Device
Reel Size
Tape Width
Quantity
D3N04H
MMDF3N04HDR2
13
″
12 mm embossed tape
2500 units
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
Preferred devices are Motorola recommended choices for future use and best overall value.
HDTMOS, MiniMOS, and Designer’s are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Micro–8 is a registered trademark of International Rectifier. Thermal Clad is a trademark of the Berquist Company.
REV 1
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MMDF3N04HD/D
© Motorola, Inc. 1996
™
MMDF3N04HD
DUAL TMOS
POWER MOSFET
3.4 AMPERES
40 VOLTS
RDS(on) = 0.080 OHM
Motorola Preferred Device
D
S
G
Source–1
1
2
3
4
8
7
6
5
Top View
Gate–1
Source–2
Gate–2
Drain–1
Drain–1
Drain–2
Drain–2
CASE 751–05, Style 14
SO–8


Similar Part No. - MMDF3N04HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF3N04HD ONSEMI-MMDF3N04HD Datasheet
121Kb / 12P
Power MOSFET 3 Amps, 40 Volts
October, 2003 ??Rev. 3
MMDF3N04HDR2 ONSEMI-MMDF3N04HDR2 Datasheet
121Kb / 12P
Power MOSFET 3 Amps, 40 Volts
October, 2003 ??Rev. 3
logo
VBsemi Electronics Co.,...
MMDF3N04HDR2G VBSEMI-MMDF3N04HDR2G Datasheet
1Mb / 9P
Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - MMDF3N04HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2N05ZR2 MOTOROLA-MMDF2N05ZR2 Datasheet
191Kb / 10P
DUAL TMOS POWER MOSFET 2.0 AMPERES 50 VOLTS
MMDF3200Z MOTOROLA-MMDF3200Z Datasheet
86Kb / 4P
DUAL TMOS POWER MOSFET 11.5 AMPERES 20 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
MMDF3N02HD MOTOROLA-MMDF3N02HD Datasheet
297Kb / 10P
DUAL TMOS POWER MOSFET 3.0 AMPERES 20 VOLTS
MMDF3N03HD MOTOROLA-MMDF3N03HD Datasheet
281Kb / 10P
DUAL TMOS POWER MOSFET 4.1 AMPERES 30 VOLTS
MMDF4N01HD MOTOROLA-MMDF4N01HD Datasheet
281Kb / 10P
DUAL TMOS POWER MOSFET 4.0 AMPERES 20 VOLTS
MMDF5N02Z MOTOROLA-MMDF5N02Z Datasheet
186Kb / 10P
DUAL TMOS POWER MOSFET 5.0 AMPERES 20 VOLTS
MMDF6N02HD MOTOROLA-MMDF6N02HD Datasheet
193Kb / 10P
DUAL TMOS POWER MOSFET 6.0 AMPERES 20 VOLTS
MMDF7N02Z MOTOROLA-MMDF7N02Z Datasheet
190Kb / 10P
DUAL TMOS POWER MOSFET 7.0 AMPERES 20 VOLTS
MTB40N10E MOTOROLA-MTB40N10E Datasheet
192Kb / 10P
TMOS POWER FET 40 AMPERES 100 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com