Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R-FSP040-RAC Datasheet(PDF) 1 Page - Sparkle Power Inc.

Part # R-FSP040-RAC
Description  40 Watts Power Adapter Low noise and ripple
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

R-FSP040-RAC Datasheet(HTML) 1 Page - Sparkle Power Inc.

  R-FSP040-RAC Datasheet HTML 1Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Efficiency Level V, RoHS Compliant)
40 Watts Power Adapter
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
R-FSP040-RAC
● Low noise and ripple
● Output with over voltage protection, short circuit
protection, and over current protection
● Complies with FCC part15, and CISPR 22 class B
● Approved by CUL/UL 60950-1 2nd, TUV
EN60950-1 2nd, CB 60950-1 2nd, FCC, and EMC
● 6 convertibale DC output Plugs for universal
Netbook
● Operating temperature: 0°C - 40°C
● Humidity: 80% on operating, 90% on storage
● Average Efficiency: Efficiency Level V & ErP Teir 2
● No Load Power comsumption: Less than 0.3W
● Dimension (L x W x H): 86 x 36 x 26 mm / 3.39 x 1.42 x 1.02 in
AC Input
100 - 240 Vac
DC Output
19 Vdc Max. 2.1A
Outputs
Tip Applications
San Jose Office
1000 Rock Ave, San Jose, CA 95131
T: 408-519-8888 F: 408-519-9999
Los Angeles Office
17071 Green Dr, City of Industry, CA 91745
T: 626-839-7180 F: 626-839-3395
Sparkle Power Inc.
http://www.sparklepower.com
sparkle@sparklepower.com


Similar Part No. - R-FSP040-RAC

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
R-FSP065-21UAN0 SPI-R-FSP065-21UAN0 Datasheet
239Kb / 6P
With USB output LCD display Adapter Power Supply
More results

Similar Description - R-FSP040-RAC

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-RAC SPI-FSP065-RAC Datasheet
52Kb / 1P
Low noise and ripple
FSP200-62DL24V SPI-FSP200-62DL24V Datasheet
48Kb / 1P
Low noise and ripple
logo
Minmax Technology Co., ...
M78A MINMAX-M78A Datasheet
952Kb / 3P
Low Ripple and Noise
logo
Emerson Network Power
AVO100B-48S3V3 EMERSON-NETWORKPOWER-AVO100B-48S3V3 Datasheet
174Kb / 2P
Low ripple and noise
logo
Artesyn Technologies
AV050 ARTESYN-AV050 Datasheet
1,003Kb / 3P
Low ripple and noise
AVE350B ARTESYN-AVE350B Datasheet
1Mb / 3P
Low ripple and noise
AVE600 ARTESYN-AVE600 Datasheet
1Mb / 3P
Low ripple and noise
AVO100 ARTESYN-AVO100 Datasheet
548Kb / 3P
Low ripple and noise
logo
PEAK electronics GmbH
P6CUIDUI-05053R3ZLF PEAK-P6CUIDUI-05053R3ZLF Datasheet
425Kb / 3P
Low Ripple and Noise
P6LG-053R3ELF PEAK-P6LG-053R3ELF Datasheet
137Kb / 3P
Low Ripple and Noise
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com