Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW180KB Datasheet(PDF) 1 Page - SL Power Electronics

Part # PW180KB
Description  Power over Ethernet IEEE802.3af Compliant
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW180KB Datasheet(HTML) 1 Page - SL Power Electronics

  PW180KB Datasheet HTML 1Page - SL Power Electronics PW180KB Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PW180KB
Power over Ethernet IEEE802.3af Compliant
Power over Ethernet (PoE) / SMPS
Voltage
+48VDCTypical,44Vto57V
LoadRegulation
+/-4%,44Vto57V
RippleandNoise
f<500kHz
500mVp-p
500Hz-150kHz
200mVp-p
150kHz-500kHz
150mVp-p
500kHz-1MHz
100mVp-p
TransientResponse
0.5msfor50%
LoadchangeTypical
PinAssignment
(seepage2)
Output Specifications
Voltage
100-250VAC-10%,+6%
LineFrequency
47-63Hz
InputCurrent
90VACInput
0.5Amax.
Protection
InternalPrimaryCurrent
Fuse,InrushLimiting
Input Specifications
PowerModeLED
Amber-
PowerON
(Twocolors)
/DetectionMode
Green-
InjectingFullPower
/PowerUpMode
LED Indicator
Topology
Switching-Fixed
FrequencyFlyback
Dielectric
3,000VACor4,250VDC
Withstand
Primary-Secondary
OutputCurrent
350mAdcmin.
InrushCurrent
450mAdcmax.
OverloadCurrentDetection
(15.4W/Vport)min./
400mAmax.
OverloadTimeLimit
50-75ms
ShortCircuitProtection
400-450mAmax.
ContinuousOutputPower
15.4Wmin.
Averageover1second.
Approvalsand
UL60950-1,IEC/EN60950-1
SafetyStandards
EMC:EN55022/55024/61000
Weight
5.95ounces,170Grams
LeakageCurrent
Lessthan0.75mAat
265VAC50Hz
Spacing
6.4mmPrimary-Secondary
CaseandDimension
DesktopStyle
3.98Lx2.40Wx1.35H(in)
101.0Lx61.5Wx34.2H(mm)
CaseMaterial
Black94V0Polycarbonate
CordandConnectors
DualRJ45Jacksbuiltinto
theenclosure.
General Specifications
Specifications
3 Year Warranty
•PoEInjectorandPowerSupplyinOneUnit
•UniversalInput100to250VAC
•DesktopStyleSingleOutput
•IdealforMidspanApplications
•RegulatedOutputwithLowRipple
•MeetsSafetyAgencyRequirements
•ComplieswithEMI/RFIRegulations
•CECompliant
•ImpactResistantPolycarbonateEnclosure
•PrivateLabelMarkingAvailable
•ModifiedandCustomDesignsAlsoAvailable
International Safety Standard Approvals
SL Power Electronics Corp 6050 King Drive Ventura CA, 93003 Phone:805.486.4565 Fax:805.487.8911 Email:info@slpower.com www.slpower.com


Similar Part No. - PW180KB

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PW180KA SLPOWER-PW180KA Datasheet
269Kb / 2P
Universal 20 Watt (Non-Compliant)
More results

Similar Description - PW180KB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2371 TI-TPS2371 Datasheet
283Kb / 14P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
logo
SL Power Electronics
PW182RB SLPOWER-PW182RB Datasheet
309Kb / 2P
Universal 17 Watt (IEEE802.3af Compliant)
PW182RD SLPOWER-PW182RD Datasheet
308Kb / 2P
Universal 17 Watt (IEEE802.3af Compliant)
PW183RD SLPOWER-PW183RD Datasheet
309Kb / 2P
Universal 30 Watt (IEEE802.3af Compliant)
logo
Axiomtek Co., Ltd.
ED3238 AXIOMTEK-ED3238 Datasheet
345Kb / 4P
10/100BASE-TX IEEE802.3af PoE Ethernet Extender over Coaxial Cable
logo
Texas Instruments
TPS2371 TI1-TPS2371_15 Datasheet
1Mb / 21P
LEGACY IEEE802.3AF COMPATIBLE POWER INTERFACE SWITCH FOR POWER OVER ETHERNET POWERED DEVICES
logo
Phihong USA Inc.
POE15M-1AF PHIHONG-POE15M-1AF Datasheet
237Kb / 3P
15W Single Port Power-over-Ethernet Midspan IEEE802.3AF Compliant Power Injector
POE15W-1AF PHIHONG-POE15W-1AF Datasheet
241Kb / 3P
15W Single Port Power-over-Ethernet Midspan IEEE802.3AF Compliant Power Injector
POE29U-1AF PHIHONG-POE29U-1AF Datasheet
239Kb / 3P
20W Single Port Power over Ethernet Midspan IEEE802.3AF Compliant Power Injector
POE29W-1AF PHIHONG-POE29W-1AF Datasheet
239Kb / 3P
20W Single Port Power over Ethernet Midspan IEEE802.3AF Compliant Power Injector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com