Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC350DBB Datasheet(PDF) 1 Page - SL Power Electronics

Part # RSC350DBB
Description  RAINBOW SERIES SWITCHERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

RSC350DBB Datasheet(HTML) 1 Page - SL Power Electronics

  RSC350DBB Datasheet HTML 1Page - SL Power Electronics RSC350DBB Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
52
Condor D.C. Power Supplies, Inc./A subsidiary of SL Industries, Inc.
2311 Statham Parkway, Oxnard, CA 93033 • 800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com/
SPECIFICATIONS:
AC Input
90-132 and 180-264Vac, 50/60Hz single phase.
Input Current
9/4.5A.
Hold-Up Time
20mSec minimum from loss of AC input at full load, nominal line (115Vac).
Output Power
350W with cover fan option (390W peak).
Overload Protection
Standard on all outputs; revovery automatic.
Overvoltage Protection
Standard on all outputs within ranges below:
OUTPUT
OVP SETTING
V ADJ. RANGE
5V
5.6-6.8V
4.6-5.5V
12V & 15V
18-22V
11.5-15.3V
24V & 28V
29-35V
22.0-30.0V
Efficiency
74% minimum at full load; nominal input voltage.
Turn-on Time
Less than 1 second.
Input Protection
Internal AC fuse provided. Designed to blow only if a catastrophic failure
occurs in the unit—fuse does not blow on overload or short circuit.
Inrush Current
60A maximum.
Temperature Coefficient
0.03%/ºC typical on all units.
Environmental
Designed for 0 to 50
°C operation at full rated output power; derate
output current and total output power by 2.5% per
°C above 50°C. See
Environmental and Packaging Specifications (p. 11) for additional
information.
Power Fail
A TTL signal goes low upon failure, 6mS min. before output drops 5%.
Output Noise
0.5% RMS, 1% Pk-Pk, measured directly across output terminals.
Transient Response
Main output—500
µSec typical response time for return to within 0.5% of
final value for a 50% load step change.
∆i/∆t<0.2A/µSec. Maximum
voltage deviation is 3.5%.
Remote Sense
Standard on main output; will compensate for 0.5V of cabling losses.
Voltage Adjustment
Built-in potentiometers adjust outputs minimum of
±5%.
Reverse Voltage Protection
All outputs protected against inadvertent application of reverse voltage up
to 1 times rated current of the reversed output.
Leakage Current
100
µA.
EMI/EMC Compliance
All models include built-in EMI filtering to meet the following emissions
requirements:
EMI SPECIFICATIONS
COMPLIANCE LEVEL
Conducted Emissions
EN55022 Class B; FCC Class B
Static Discharge
EN61000-4-2, 6 kV contact, 3 kV air
RF Field Susceptibility
EN61000-4-3, 3 V/meter
Fast Transients/Bursts
EN61000-4-4, 2 kV, 5 kHz
Surge Susceptibility
EN61000-4-5, 1 kV diff., 2 kV com.
Safety
Approved to UL1950 (no D3 deviations), CSA22.2 No. 234L6, IEC950
and EN60950.
Vibration
Designed to meet requirements of MIL-STD 810E, Method 514.4
Category 1. This test consists of random vibration at 0.015g/Hz from 5 to
50Hz declining linearly to 0.15g2/Hz in each axis for one hour.
Shock
Designed to meet MIL-STD 810E, Method 516.4. Unpackaged units shall
meet the bench handling requirements of Procedure VI for four drops per
face.
FEATURES:
• Automatic line range selection
• Fully regulated and floating outputs
• Modular output configurations
• FCC, CISPR22 Class B
• "Smart Load" feature eliminates minimum load
requirements
• For medical version, see p. 116
• 2-year warranty
•
RSC350 RAINBOW SERIES SWITCHERS
marked to LVD


Similar Part No. - RSC350DBB

ManufacturerPart #DatasheetDescription
logo
Lumberg
RSC3-7 LUMBERG-RSC3-7 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RSC3-9 LUMBERG-RSC3-9 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RSC301-11 LUMBERG-RSC301-11 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RSC301-13.5 LUMBERG-RSC301-13.5 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
RSC301-16 LUMBERG-RSC301-16 Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
More results

Similar Description - RSC350DBB

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MT7CA-1 MICRO-ELECTRONICS-MT7CA-1 Datasheet
69Kb / 2P
22mm SQUARE FULL SPECTRUM RAINBOW LED LAMP CLUSTER
logo
XP Power Limited
CPC15UT1 XPPOWER-CPC15UT1 Datasheet
963Kb / 4P
Triple Output Switchers
CPP15US05 XPPOWER-CPP15US05 Datasheet
992Kb / 6P
Single Output Enclosed Switchers
GP05US05 XPPOWER-GP05US05 Datasheet
596Kb / 2P
Universal AC Input Switchers
logo
SL Power Electronics
GPM55BG SLPOWER-GPM55BG Datasheet
296Kb / 2P
GLOBAL PERFORMANCE SWITCHERS
logo
SparkFun Electronics
SEN-14888 SPARKFUN-SEN-14888 Datasheet
108Kb / 2P
NFC LED Nail Sticker - Rainbow (5 Pack)
9??0??8
logo
Belden Inc.
9R28010 BELDEN-9R28010 Datasheet
187Kb / 3P
Rainbow Ribbon Cable .050" Pitch, 9R280XX Series, #28-10c, PVC Ins
05-05-2023
9R28014 BELDEN-9R28014 Datasheet
187Kb / 3P
Rainbow Ribbon Cable .050" Pitch, 9R280XX Series, #28-14c, PVC Ins
05-05-2023
9R28016 BELDEN-9R28016 Datasheet
187Kb / 3P
Rainbow Ribbon Cable .050" Pitch, 9R280XX Series, #28-16c, PVC Ins
05-05-2023
9R28026 BELDEN-9R28026 Datasheet
187Kb / 3P
Rainbow Ribbon Cable .050" Pitch, 9R280XX Series, #28-26c, PVC Ins
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com