Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC350DAC Datasheet(PDF) 2 Page - SL Power Electronics

Part # RSC350DAC
Description  RAINBOW SERIES SWITCHERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

RSC350DAC Datasheet(HTML) 2 Page - SL Power Electronics

  RSC350DAC Datasheet HTML 1Page - SL Power Electronics RSC350DAC Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
53
Condor D.C. Power Supplies, Inc./A subsidiary of SL Industries, Inc.
2311 Statham Parkway, Oxnard, CA 93033 • 800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com/
RSC350 MECHANICAL SPECIFICATIONS:
Output configurations:
"A" auxiliary output adjusts from 4.7 to 5.3Vdc—available on Aux 2 only.
"B" auxiliary output adjusts from 11.5 to 15.5Vdc.
"C" same as "B" but factory set at 15Vdc.
"D" auxiliary output adjusts from 23 to 29Vdc—available on Aux 1 & 3.
INPUT: TB1 TERMINAL BLOCK, #6-32 x 0.375"
PIN 1) AC LINE
PIN 2) AC NEUTRAL
PIN 3) CHASSIS GROUND
OUTPUT: TB2 TERMINAL BLOCK, #6-32 x 0.375
OUTPUT: BUSSBAR
+V1 +5V @ 40A
COMMON +5V RTN
SIGNALS: J1 AMP P/N 640456-5
PIN 1) POWER GOOD
PIN 2) POWER FAIL
PIN 3) INHIBIT HI
PIN 4) +SENSE
PIN 5) -SENSE
PIN 1) AUX #1 (RTN)
PIN 2) AUX #1 (+)
PIN 3) AUX #2 (RTN)
PIN 4) AUX #2 (+)
PIN 5) AUX #3 (RTN)
PIN 6) AUX #3 (+)
OUTPUT VOLTAGE ADJUST.:
R39 OUT 1 V. ADJ.(AUX4)
R25 OUT 2 V. ADJ.(AUX1)
R6 OUT 3 V. ADJ.(AUX2)
R6 OUT 4 V. ADJ.(AUX3)
R31 POWER FAIL ADJ.
FAN CONN: AMP P/N 640456-2
+12V 0-0.5 AMP
WEIGHT: 4.0 LBS. MAX. (1.82 kg MAX.)
X.XXX=0.010 [0.25mm]
X.XX=0.030 [0.76mm]
TOLERANCES:
TB1
F1
T3
AUX 2
AUX 3
TB2
6
1
R25
V2 ADJ
R77
T2
L
N
GND
1
8
9
16
+5V COM
J1
PF
ADJ
R31
OPTIONAL FAN
V1 ADJ
R39
1
2
3
AIR
2.36
SCREW
2PL
8-32 MTG
4PL (THIS SURFACE)
0.120 [3.05mm] MAX.
W/ OPTIONAL
W/ OPTIONAL COVER
R6
R6
PWR LIM.
FACTORY
SET
AUX 1
FAN
TYP
AUX 4
R39
J1
J1
PIN 1
[59.94mm]
3.65
[92.71mm]
8.500 [215.90mm]
9.50 [241.30mm]
8.000 [203.20mm]
[12.70mm]
0.50
0.75 [19.05mm]
0.76
[19.30mm]
3.59
[91.19mm]
2.45
[62.23mm]
2.51
± 0.05
63.75
± 1.27mm
COVER & FAN
(SCREW PENETRATION)
1.500
[38.10mm]
0.50
[12.70mm]
(2.45)
[62.23mm]
10-32
0.660
[16.76mm]
1.11
[28.19mm]
(1.77)
[44.96mm]
[83.82mm]
3.300
[19.56mm]
0.77
[127.00mm]
5.00
FLOW
0.89
[22.61mm]
4PL (ON BOTTOM)
LOCATION
l
e
d
o
M
n
i
a
M
1
x
u
A
2
x
u
A
3
x
u
A
B
B
B
0
5
3
C
S
RA
0
4
@
V
5A
2
1
@
V
2
1A
4
@
V
2
1A
4
@
V
2
1
B
B
D
0
5
3
C
S
RA
0
4
@
V
5A
6
@
V
4
2A
4
@
V
2
1A
4
@
V
2
1
C
A
D
0
5
3
C
S
RA
0
4
@
V
5A
6
@
V
4
2A
4
@
V
5A
4
@
V
5
1
D
A
B
0
5
3
C
S
RA
0
4
@
V
5A
2
1
@
V
2
1A
4
@
V
5A
5
.
2
@
V
4
2
B
A
B
0
5
3
C
S
RA
0
4
@
V
5A
2
1
@
V
2
1A
4
@
V
5A
4
@
V
2
1
B
A
B
2
5
3
C
S
RA
8
@
V
4
2A
2
1
@
V
2
1A
4
@
V
5A
4
@
V
2
1
D
A
B
2
5
3
C
S
RA
8
@
V
4
2A
2
1
@
V
2
1A
4
@
V
5A
5
.
2
@
V
4
2
B
B
B
2
5
3
C
S
RA
8
@
V
4
2A
2
1
@
V
2
1A
4
@
V
2
1A
4
@
V
2
1
C
A
D
2
5
3
C
S
RA
8
@
V
4
2A
6
@
V
4
2A
4
@
V
5A
4
@
V
5
1
B
B
D
2
5
3
C
S
RA
8
@
V
4
2A
6
@
V
4
2A
4
@
V
2
1A
4
@
V
2
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com