Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDF3N06HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MMDF3N06HD
Description  DUAL TMOS POWER MOSFET 60 VOLTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMDF3N06HD Datasheet(HTML) 1 Page - Motorola, Inc

  MMDF3N06HD Datasheet HTML 1Page - Motorola, Inc MMDF3N06HD Datasheet HTML 2Page - Motorola, Inc MMDF3N06HD Datasheet HTML 3Page - Motorola, Inc MMDF3N06HD Datasheet HTML 4Page - Motorola, Inc MMDF3N06HD Datasheet HTML 5Page - Motorola, Inc MMDF3N06HD Datasheet HTML 6Page - Motorola, Inc MMDF3N06HD Datasheet HTML 7Page - Motorola, Inc MMDF3N06HD Datasheet HTML 8Page - Motorola, Inc MMDF3N06HD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Advance Information
Medium Power Surface Mount Products
TMOS Dual N-Channel
Field Effect Transistors
Dual HDTMOS are an advanced series of power MOSFETs
which utilize Motorola’s High Cell Density TMOS process. These
miniature surface mount MOSFETs feature low RDS(on) and true
logic level performance. Dual HDTMOS devices are designed for
use in low voltage, high speed switching applications where power
efficiency is important. Typical applications are dc–dc converters,
and power management in portable and battery powered products
such as computers, printers, cellular and cordless phones. They
can also be used for low voltage motor controls in mass storage
products such as disk drives and tape drives.
• Low RDS(on) Provides Higher Efficiency and Extends Battery Life
• Logic Level Gate Drive — Can Be Driven by Logic ICs
• Miniature SO–8 Surface Mount Package — Saves Board Space
• Diode Is Characterized for Use In Bridge Circuits
• Diode Exhibits High Speed, With Soft Recovery
• IDSS Specified at Elevated Temperature
• Mounting Information for SO–8 Package Provided
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–to–Source Voltage
VDSS
60
Vdc
Gate–to–Source Voltage — Continuous
VGS
± 20
Vdc
Drain Current — Continuous @ TA = 25°C
ID
IDM
3.3
16.5
Adc
Apk
Source Current — Continuous @ TA = 25°C
IS
1.7
Adc
Total Power Dissipation @ TA = 25°C (1)
PD
2.0
Watts
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 150
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 60 Vdc, VGS = 5.0 Vdc, VDS = 32 Vdc, IL = 15 Apk, L = 10 mH, RG = 25 Ω)
EAS
105
mJ
Thermal Resistance — Junction–to–Ambient
R
θJA
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
DEVICE MARKING
D3N06
ORDERING INFORMATION
Device
Reel Size
Tape Width
Quantity
MMDF3N06HDR2
13
″
12 mm embossed tape
2500 units
(1) Mounted on G10/FR4 glass epoxy board using minimum recommended footprint.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
HDTMOS and MiniMOS are trademarks of Motorola, Inc. TMOS is a registered trademark of Motorola, Inc.
Thermal Clad is a trademark of the Bergquist Company.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MMDF3N06HD/D
© Motorola, Inc. 1997
™
MMDF3N06HD
DUAL TMOS
POWER MOSFET
60 VOLTS
RDS(on) = 100 mW
CASE 751–05, Style 11
SO–8
D
S
G
Source–1
1
2
3
4
8
7
6
5
Top View
Gate–1
Source–2
Gate–2
Drain–1
Drain–1
Drain–2
Drain–2
Motorola Preferred Device
D
S
G
Preferred devices are Motorola recommended choices for future use and best overall value.


Similar Part No. - MMDF3N06HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMDF3N06HD ONSEMI-MMDF3N06HD Datasheet
276Kb / 12P
N?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
MMDF3N06HDR2 ONSEMI-MMDF3N06HDR2 Datasheet
276Kb / 12P
N?묬hannel SO??, Dual Power MOSFET
Sep, 2004 ??Rev. XXX
More results

Similar Description - MMDF3N06HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMDF2N06V MOTOROLA-MMDF2N06V Datasheet
113Kb / 4P
DUAL TMOS MOSFET 3.3 AMPERES 60 VOLTS
MMDF2N06VL MOTOROLA-MMDF2N06VL Datasheet
114Kb / 4P
DUAL TMOS MOSFET 2.5 AMPERES 60 VOLTS
MMDF3207 MOTOROLA-MMDF3207 Datasheet
84Kb / 4P
DUAL TMOS POWER MOSFET 7.8 AMPERES 20 VOLTS
MMDF3N04HD MOTOROLA-MMDF3N04HD Datasheet
291Kb / 10P
DUAL TMOS POWER MOSFET 3.4 AMPERES 40 VOLTS
MMDF3P03HD MOTOROLA-MMDF3P03HD Datasheet
203Kb / 10P
DUAL TMOS POWER MOSFET 30 VOLTS
MMDF4P03HD MOTOROLA-MMDF4P03HD Datasheet
206Kb / 10P
DUAL TMOS POWER MOSFET 30 VOLTS
MMDF6N03HD MOTOROLA-MMDF6N03HD Datasheet
207Kb / 10P
DUAL TMOS POWER MOSFET 30 VOLTS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
TMOS POWER FET 23 AMPERES 60 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
TMOS POWER FET 60 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
TMOS POWER FET 15 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com