Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC-500 Datasheet(PDF) 2 Page - SL Power Electronics

Part # SC-500
Description  Output voltages from 3.3 V to 48 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

SC-500 Datasheet(HTML) 2 Page - SL Power Electronics

  SC-500 Datasheet HTML 1Page - SL Power Electronics SC-500 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Condor D.C. Power Supplies, Inc., A subsidiary of SL Industries, Inc. 805-486-4565 • (800) 235-5929 Fax: (805) 487-8911 http://www.condorpower.com
Option “G”, DC Power Good ( 5 V outputs)*: Provides a TTL “1” open collector when output
is above 4.6 V nominal. Not available if option “P” is selected.
Option “P”, AC Power Fail: Provides TTL “0” 5 ms before output voltage goes out of
regulation band upon loss of AC power. VMEbus compatible, provides 48 mA sink
current capability. Not available if option “G” is selected.
Option “V”, Fan/Cover Assembly*: Low profile, end venting cover with integral ball-bearing
fan.
*Options C, F, G, and V not available on 150 and 180 watt models.
Consult factory for other available options.
100, 150, 165, 180, 250 WATTS
350, 360, 500, 520 WATTS
9”x 5”x 2.5”
11.5”x 5”x 2.5”
SC-100,150, 180, 250
SC-350, 360, 500, 520
FUNCTION
115 VAC
230 VAC
CONNECTOR
Input Select
Short
Open
0.110,0.187, or 0.250
male Fastons
TB1-
Line
Line 1
TB1-
Neutral
Line 2
TB1-
Safety Ground
Safety Ground
AC INPUT
Barrier strip
#6-32 screws
3/8” centers
STATUS AND CONTROL
SPECIFICATIONS: ALL MODELS
INPUT
AC Input: 90-132 Vac/180-264 Vac, 47 to 63 Hz. User selectable. See option “A” for automatic
line selection. 150 watt units fused for 7 A. 250 watt units fused for 10 A. 350 and 500
watt units fused for 15 A.
Inrush: Cold start AC current is less than 16 A at 115 Vac and 32 A at 230 Vac for 150 watt
models; 10 A at 115 Vac and 18 A at 230 Vac for 250 watt models; 80 A at 115 Vac and
20 A at 230 Vac for 350 and 500 watt models. Limited by thermistor.
Holdup Time: 16 ms minimum after removal of power, at nominal line, full load.
Efficiency: 80% typical.
Brownout Protection: Holds regulation to 85 Vac or 170 Vac.
OUTPUT
Adjustability: User adjustable ±10% minimum.
Line & Load Reg: ±1% over AC input range and 0 to 100% load change.
Ripple & Noise: Less than 1% p-p or 100 mV, whichever is greater.
Remote Sense: Compensates for 250 mV total line drop. Open sense lead protection.
Temperature Coefficient: 0.02% per degree C.
Stability: 0.1% over 8 hours after 30 minutes warm-up.
Transient Response: Output voltage returns to within 1% in less than 500 µs for a 50% load
change. Peak transient does not exceed 5%.
Overload Protection: All outputs are protected against overload and short circuit. Automatic
recovery upon removal of fault.
Overvoltage Protection: Protects load against power supply induced overvoltage. Trip point is
factory set so that output voltage cannot exceed 136% of nominal.
Remote Inhibit: Contact closure to the negative sense line drops output power to nominal
zero. Not available in 150 or 180 watt units.
Reverse Voltage: Protected against reverse voltage up to supply current rating.
ENVIRONMENTAL
Thermal Protection: Shuts down power supply if overheated. Automatic recovery.
Temperature Range: 0° to 50°C at full ratings. Derate to half power at 70 °C.
Safety Agencies: Most models are approved to UL1950; CSA 22.2 #234; IEC 950 and TÜV
EN60950, Class 1 SELV., CE 72/23/EEC/93/68EEC (low voltage directive).
Conducted RFI: Meets FCC Part 15, Subpart J, Class A; EN55022 Class B; CISPR 22 Class B.
Output Isolation: Isolated from ground 50 Vdc, except 100 Vdc for 48 Vdc models.
Cooling: 30 CFM required to achieve full ratings.
OPTIONS:
Option “A”, AC Auto-Range: Automatically selects proper AC line voltage range to enable
power operation at either 115 or 230 Vac without user intervention.
Option “C”, Cover*: Limits contact with power supply interior.
Option “F”, Fan/Cover Assembly*: Cover with integral ball-bearing fan provides proper
cooling to achieve full ratings at 50°C ambient temperature.
FUNCTION
MODEL
LOCATION
CONNECTOR
All SC-150W models
Terminal +5V
Bus bars
Terminal COM
#6-32 screws
Output
All SC-250W models
Terminal +V
Bus bars
Voltage
Terminal COM
#8-32 screws
All SC-350W and 500W
Terminal +V
Bus bars
models
Terminal COM
#1/4-20 screws
DC OUTPUT
FUNCTION
SC-150W CONNECTOR SC-250W SC-350 & 500W
CONNECTOR
Remote Sense
+S
#6-32 screw J1-1 (+S)
J1-4 (+S)
AMP MTA type
–S
terminals
J1-2 (–S)
J1-3 (–S)
640456-4
AC Power Fail
PF
J1-3 (PF)
J1-2 (PF)
pin header
DC Power Good
(locking)
Inhibit
J1-4 (IH)
J1-1 (INH)
SC-350, 360, 500, 520
3.8 lbs - 1.7 kgs
SC-100, 150, 165, 180, 250
2.0 lbs - 0.9 kgs
Dimensions:
Inches
Millimeters
(L )
(N)
( )



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com