Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4341 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4341
Description  SSMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4341 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4341 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4341 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
SSMB Jack Right Angle Connector Solder Attachment
Thru Hole PCB, .100 inch x .031 inch Hole Spacing
SSMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole
Spacing
Configuration
Connector
SSMB Jack
Connector Interface Type
Thru Hole
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.383 [9.73]
Width/Dia., in [mm]
0.156 [4]
Height, in [mm]
0.383 [9.73]
.
Weight, lbs [g]
0.004 [1.81]
Connector
Type
SSMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
SSMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole
Spacing PE4341
URL: http://www.pasternack.com/ssmb-jack-standard-thru-hole-pcb-connector-pe4341-p.aspx
PE4341
PE4341 REV


Similar Part No. - PE4341

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4341 PASTERNACK-PE4341 Datasheet
344Kb / 3P
SSMB Jack Right Angle Connector Solder Attachment
PE4341 PASTERNACK-PE4341_16 Datasheet
344Kb / 3P
SSMB Jack Right Angle Connector Solder Attachment
More results

Similar Description - PE4341

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44116 PASTERNACK-PE44116 Datasheet
212Kb / 2P
BNC Twinax Jack Right Angle Connector Solder Attachment Thru Hole PCB, .687 inch x .500 inch Hole Spacing
PE44258 PASTERNACK-PE44258 Datasheet
249Kb / 3P
1.0/2.3 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE4905 PASTERNACK-PE4905 Datasheet
235Kb / 2P
MMCX Plug Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE4556 PASTERNACK-PE4556 Datasheet
226Kb / 3P
MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE4904 PASTERNACK-PE4904 Datasheet
228Kb / 3P
MMCX Jack Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE4177 PASTERNACK-PE4177 Datasheet
259Kb / 3P
SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4178 PASTERNACK-PE4178 Datasheet
259Kb / 3P
SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44348 PASTERNACK-PE44348 Datasheet
227Kb / 3P
SMP Male Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE4903 PASTERNACK-PE4903 Datasheet
226Kb / 3P
MMCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
PE4340 PASTERNACK-PE4340 Datasheet
238Kb / 2P
SSMB Jack Connector Solder Attachment Thru Hole PCB, .100 inch x .031 inch Hole Spacing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com