Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPF-1000 Datasheet(PDF) 2 Page - SL Power Electronics

Part # SPF-1000
Description  500-1000 Watts Single Output, Forced Current Sharing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

SPF-1000 Datasheet(HTML) 2 Page - SL Power Electronics

  SPF-1000 Datasheet HTML 1Page - SL Power Electronics SPF-1000 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
87
Condor D.C. Power Supplies, Inc., 2311 Statham Parkway, Oxnard, CA 93033
800-235-5929 • 805-486-4565 • FAX 805-487-8911 • www.condorpower.com
SPF-500, SPF-750, SPF-1000 Single Output
SPF-500, SPF-750, SPF-1000 MECHANICAL SPECIFICATIONS
SPF-500
3.8 lb - 1.7 kg
SPF-750
4.7 lb - 2.1 kg
Dimensions:
Inches
Millimeters
SPF-1000
10.4 lb -4.7 kg
Commercial Model
Power Out
Output No.
Output
Output Minimum
Output
Total
Maximum
Regulation
SPF-500-12
500
1
+12 V
0 A
42 A
1%
SPF-500-15
500
1
+15 V
0 A
34 A
1%
SPF-500-24
500
1
+24 V
0 A
21 A
1%
SPF-500-28
500
1
+28 V
0 A
18 A
1%
SPF-500-48
500
1
+48 V
0 A
10.4 A
1%
SPF-750-12
750
1
+12 V
0 A
62 A
1%
SPF-750-15
750
1
+15 V
0 A
50 A
1%
SPF-750-24
750
1
+24 V
0 A
31 A
1%
SPF-750-28
750
1
+28 V
0 A
27 A
1%
SPF-750-48
750
1
+48 V
0 A
16 A
1%
SPF-1000-24
1000
1
+24 V
0 A
42 A
1%
SPF-1000-28
1000
1
+28 V
0 A
36 A
1%
SPF-1000-36
1000
1
+36V
0 A
28 A
1%
SPF-1000-48
1000
1
+48 V
0 A
21 A
1%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com