Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW22P21 Datasheet(PDF) 3 Page - Agere Systems

Part # CW22P21
Description  CW20P-Type CW Tunable, Wavelength-Stabilized Laser Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

CW22P21 Datasheet(HTML) 3 Page - Agere Systems

  CW22P21 Datasheet HTML 1Page - Agere Systems CW22P21 Datasheet HTML 2Page - Agere Systems CW22P21 Datasheet HTML 3Page - Agere Systems CW22P21 Datasheet HTML 4Page - Agere Systems CW22P21 Datasheet HTML 5Page - Agere Systems CW22P21 Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Advance Data Sheet, Rev. 1
CW20P-Type
June 2001
CW Tunable, Wavelength-Stabilized Laser Module
3
Agere Systems Inc.
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Characteristics
(Minimum and maximum values specified over operating case temperature range at 50% duty cycle data signal.
Typical values are measured at room temperature unless otherwise noted.)
Parameter
Symbol
Min
Max
Unit
Supply Voltage (positive)
VCC
—5.5
V
Supply Voltage (negative)
VEE
—
–6.0
V
Operating Case Temperature Range
TC
070
°C
Storage Case Temperature Range
Tstg
–40
85
°C
Lead Soldering Temperature/Time
—
—
250/10
°C/s
Relative Humidity (noncondensing)
RH
—
85
%
Minimum Fiber-Bend Radius
—
1.5 (38.1)
—
in. (mm)
Table 2. Electrical Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
dc Power Supply Voltage
VCC
4.75
5.0
5.25
V
dc Power Supply Current
ICC
—
350
500
mA
dc Negative Supply Voltage
VEE
–5.46
–5.2
–4.94
V
dc Negative Supply Current
IEE
——
250
mA
Power Dissipation
PDISS
—10
—
W
Module Disable Voltage (TTL) VIH
VDIS
4.2
—
—
V
Module Enable Voltage (TTL) VIL
VEN
0.0
—
0.8
V
λ Deviation Alarm:
Levels (CMOS) VOL
Levels (CMOS) VOH
Setting
VλALARM N
VλALARM
λALARM
0
4.05
–20
—
—
—
0.6
—
20
V
V
pm
Laser Degrade Alarm:
Levels (CMOS) VOH
Levels (CMOS) VOL
Setting
VALARM
VλALARM N
LDALARM
4.05
0
—
—
—
—
—
0.6
IBOL x 125%
V
V
mA
TEC Current
ITEC
—1
2
A
TEC Voltage
VTEC
3.2
3.3
3.5
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com