Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW7T16A Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # STW7T16A
Description  White colored SMT package Pb-free Reflow Soldering Application
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW7T16A Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button STW7T16A Datasheet HTML 7Page - Seoul Semiconductor STW7T16A Datasheet HTML 8Page - Seoul Semiconductor STW7T16A Datasheet HTML 9Page - Seoul Semiconductor STW7T16A Datasheet HTML 10Page - Seoul Semiconductor STW7T16A Datasheet HTML 11Page - Seoul Semiconductor STW7T16A Datasheet HTML 12Page - Seoul Semiconductor STW7T16A Datasheet HTML 13Page - Seoul Semiconductor STW7T16A Datasheet HTML 14Page - Seoul Semiconductor STW7T16A Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SSC- QP- 7- 07- 24 (Rev.00)
Rev.04
Rev.04
December 2011
December 2011
www.seoulsemicon.com
www.seoulsemicon.com
7. Bin Code Description
Z2
A1
Q0
Forward Voltage
Color Rank
Luminous Intensity
Bin Code
3.4
3.3
A1
3.0
2.9
Y3
3.1
3.0
Z1
3.2
3.1
Z2
3.3
3.2
Z3
Max.
Min.
RANK
Forward Voltage [V]
@ IF = 60mA
23.9
8,500
8,000
R0
22.6
21.2
19.7
Typ.
Flux *[2]
[lm]
8,000
7,500
Q5
7,500
7,000
Q0
7,000
6,500
P5
Max.
Min.
RANK
Luminous Intensity [mcd]
*[1]
@ IF = 60mA
[Note] All measurements were made under the standardized environment of SSC.
In order to ensure availability, single color rank & IV rank & VF rank will not be orderable.
[1] Classification criteria : Luminous intensity IV
[2] Please use for only reference.
Available ranks
Not yet available ranks
4,700K ~ 7,000K
4,700K ~ 7,000K
4,700K ~ 7,000K
4,700K ~ 7,000K
4,700K ~ 7,000K
4,700K ~ 7,000K
4,700K ~ 7,000K
4,700K ~ 7,000K
C3
C2
C5
C1
B5
B3
B1
A5
A3
A1
A2
A4
B0
B2
B4
C0
C4
A0
Color Rank
@ IF = 60mA
R0
R0
R0
IV Rank
Q5
Q5
Q5
Q0
P5
5,300~6,000 K
Q0
P5
6,000~7,000 K
Q0
P5
4,700~5,300 K
CCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com